Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4242CG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4242CG
Description  Dual Slot Hot Swap Controller for PCI Express
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4242CG Datasheet(HTML) 2 Page - Linear Technology

  LTC4242CG Datasheet HTML 1Page - Linear Technology LTC4242CG Datasheet HTML 2Page - Linear Technology LTC4242CG Datasheet HTML 3Page - Linear Technology LTC4242CG Datasheet HTML 4Page - Linear Technology LTC4242CG Datasheet HTML 5Page - Linear Technology LTC4242CG Datasheet HTML 6Page - Linear Technology LTC4242CG Datasheet HTML 7Page - Linear Technology LTC4242CG Datasheet HTML 8Page - Linear Technology LTC4242CG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC4242
2
4242f
Supply Voltages
VCC........................................................... –0.3V to 7V
12VINn.................................................... –0.3V to 20V
3VINn...................................................... –0.3V to 10V
AUXINn.................................................. –0.3V to 10V
Input Voltages
ONn, AUXONn, FONn ............................... –0.3V to 7V
ENn.......................................................... –0.3V to 7V
Output Voltages
FAULTn, PGOODn, AUXFAULTn,
AUXPGOODn ........................................... –0.3V to 7V
Analog Voltages
12VSENSEn.............................................. –0.3V to 20V
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
G PACKAGE
36-LEAD PLASTIC SSOP
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
EN1
FON1
ON1
AUXON1
3VOUT1
3VGATE1
3VSENSE1
3VIN1
AUXIN1
VCC
AUXIN2
3VIN2
3VSENSE2
3VGATE2
3VOUT2
AUXON2
ON2
FON2
FAULT1
AUXFAULT1
PGOOD1
12VIN1
12VSENSE1
12VGATE1
12VOUT1
AUXOUT1
GND
AUXOUT2
12VOUT2
12VGATE2
12VSENSE2
12VIN2
PGOOD2
AUXFAULT2
FAULT2
EN2
TJMAX = 125°C, θJA = 95°C/W
13 14 15 16
TOP VIEW
39
UHF PACKAGE
38-LEAD (5mm
× 7mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
AUXON1
3VOUT1
3VGATE1
3VSENSE1
3VIN1
AUXIN1
VCC
AUXIN2
3VIN2
3VSENSE2
3VGATE2
3VOUT2
12VIN1
12VSENSE1
12VGATE1
12VOUT1
AUXOUT1
GND
AUXOUT2
12VOUT2
12VGATE2
12VSENSE2
12VIN2
AUXPGOOD2
23
22
21
20
9
10
11
12
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 39) IS GND, PCB ELECTRICAL CONNECTION OPTIONAL
ORDER PART NUMBER
ORDER PART NUMBER
UHF PART MARKING*
LTC4242CG
LTC4242IG
LTC4242CUHF
LTC4242IUHF
4242
4242
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
*The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
12VGATEn................................................ –0.3V to 25V
12VOUTn (Note 3).. 12VGATEn – 5V to 12VGATEn + 0.3V
AUXOUTn, 3VSENSEn .............................. –0.3V to 10V
3VGATEn.................................................. –0.3V to 14V
3VOUTn (Note 3)....... 3VGATEn – 5V to 3VGATEn + 0.3V
Operating Temperature Range
LTC4242C ................................................ 0°C to 70°C
LTC4242I ............................................. –40°C to 85°C
Storage Temperature Range
SSOP ................................................. –65°C to 150°C
QFN.................................................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec)
SSOP ................................................................ 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com