Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4245CG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4245CG
Description  Multiple Supply Hot Swap Controller with I2C Compatible Monitoring
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4245CG Datasheet(HTML) 2 Page - Linear Technology

  LTC4245CG Datasheet HTML 1Page - Linear Technology LTC4245CG Datasheet HTML 2Page - Linear Technology LTC4245CG Datasheet HTML 3Page - Linear Technology LTC4245CG Datasheet HTML 4Page - Linear Technology LTC4245CG Datasheet HTML 5Page - Linear Technology LTC4245CG Datasheet HTML 6Page - Linear Technology LTC4245CG Datasheet HTML 7Page - Linear Technology LTC4245CG Datasheet HTML 8Page - Linear Technology LTC4245CG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC4245
2
4245fa
Supply Voltages
12VIN ..................................................... –0.3V to 20V
5VIN, 3VIN .............................................. –0.3V to 10V
VEEIN ...................................................... –20V to 0.3V
INTVCC.................................................. –0.3V to 6.5V
Input Voltages
BD_SEL#, ON, PGI................................. –0.3V to 12V
ADR0-3, CFG, SS, TIMER ...... –0.3V to INTVCC + 0.3V
PCI_RST#, SCL, SDA............................ –0.3V to 6.5V
Output Voltages
ALERT#, GPIO1-3, HEALTHY#,
LOCAL_PCI_RST# ................................ –0.3V to 6.5V
Analog Voltages (n is 5V, 3V)
12VGATE ................................................. –0.3V to 25V
nGATE (Note 3)...............–0.3V to 12VIN + 0.3V or 14V
(Notes 1, 2)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
G PACKAGE
36-LEAD PLASTIC SSOP
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
HEALTHY#
TIMER
ON
SS
12VIN
12VSENSE
12VGATE
12VOUT
GND
BD_SEL#
CFG
SDA
SCL
ALERT#
VEESENSE
VEEIN
VEEGATE
VEEOUT
5VIN
5VSENSE
5VGATE
5VOUT
ADR3
ADR2
ADR1
ADR0
INTVCC
GPIO1
PGI
PCI_RST#
LOCAL_PCI_RST#
PRECHARGE
3VIN
3VSENSE
3VGATE
3VOUT
TJMAX = 125°C, θJA = 95°C/W
13 14 15 16
TOP VIEW
39
UHF PACKAGE
38-LEAD (5mm
× 7mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
SS
12VIN
12VSENSE
12VGATE
12VOUT
GND
BD_SEL#
CFG
SDA
SCL
ALERT#
VEESENSE
ADR3
ADR2
ADR1
ADR0
INTVCC
GPIO3
GPIO2
GPIO1
PGI
PCI_RST#
LOCAL_PCI_RST#
PRECHARGE
23
22
21
20
9
10
11
12
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 39) PCB GND CONNECTION OPTIONAL
ORDER PART NUMBER
ORDER PART NUMBER
UHF PART MARKING*
LTC4245CG
LTC4245IG
LTC4245CUHF
LTC4245IUHF
4245
4245
Order Options Tape and Reel: Add #TR Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
VEEGATE – VEEIN (Note 4) .......................... –0.3V to 5V
12VSENSE ........... –0.3V or 12VIN – 6V to 12VIN + 0.3V
nSENSE...........................................–0.3V to nIN + 0.3V
VEESENSE ..................................... VEEIN – 0.3V to 0.3V
12VOUT – 12VGATE (Note 4)...................... –5V to 0.3V
nOUT – nGATE (Note 4) .............................. –5V to 0.3V
VEEOUT (Note 5)...................................... –20V to 0.3V
PRECHARGE.............................. –0.3V to 3VIN + 0.3V
Operating Temperature Range
LTC4245C ................................................ 0°C to 70°C
LTC4245I ............................................. –40°C to 85°C
Storage Temperature Range
G Package.......................................... –65°C to 150°C
UHF Package...................................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec)
G Package......................................................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com