Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4151CMS Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4151CMS
Description  High Voltage I2C Current and Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151CMS Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4151CMS Datasheet HTML 4Page - Linear Technology LTC4151CMS Datasheet HTML 5Page - Linear Technology LTC4151CMS Datasheet HTML 6Page - Linear Technology LTC4151CMS Datasheet HTML 7Page - Linear Technology LTC4151CMS Datasheet HTML 8Page - Linear Technology LTC4151CMS Datasheet HTML 9Page - Linear Technology LTC4151CMS Datasheet HTML 10Page - Linear Technology LTC4151CMS Datasheet HTML 11Page - Linear Technology LTC4151CMS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC4151/LTC4151-1
8
41511fa
APPLICATIONS INFORMATION
The LTC4151/LTC4151-1 offer a compact complete solu-
tion for high side power monitoring. With a wide operating
voltage range from 7V to 80V, these devices are ideal for
a variety of applications including consumer, automotive,
industrial and telecom infrastructure. The simple applica-
tion circuit as shown in Figure 1 provides monitoring of
high side current with a 0.02
Ω resistor (4.096A in full-
scale), input voltage (102.4V in full-scale) and an external
voltage (2.048V in full-scale), all with an internal 12-bit
resolution ADC.
Data Converter
The LTC4151/LTC4151-1 feature an onboard, 12-bit analog-
to-digital converter (ADC) that continuously monitors three
voltages in the sequence of (VSENSE+ – VSENSE–) first, VIN
second and VADIN third. The differential voltage between
SENSE+ and SENSE– is monitored with an 81.92mV full-
scale and 20μV resolution that allows accurate measure-
ment of the high side input current. SENSE+ is a Kelvin
sense pin for the VIN pin and must be connected to VIN
(see Figure 10) for proper ADC readout. The supply volt-
age at VIN is directly measured with a 102.4V full-scale
and 25mV resolution. The voltage at the uncommitted
ADIN pin is measured with a 2.048V full-scale and 0.5mV
resolution that allows monitoring of any external voltage.
Figure 1. Monitoring High Side Current and Voltages Using the LTC4151
The 12-bit digital code of each measured voltage is stored
in two adjacent registers out of the six total data registers
A through F, with the eight MSBs in the first register and
the four LSBs in the second (Table 2).
The data in registers A through F is refreshed at a frequency
of 7.5Hz in continuous scan mode. Setting control register
bit G4 (Table 6) invokes a test mode that halts updating
of these registers so that they can be written to and read
from for software testing.
The data converter features a snapshot mode allowing us-
ers to make one-time measurements of a selected voltage
(either the SENSE voltage, VIN voltage, or ADIN voltage).
To enable snapshot mode, set control register bit G7 and
write the two-bit code of the desired ADC channel to G6
and G5 (Table 6) using a Write Byte command. When the
Write Byte command is completed, the ADC measures the
selected voltage and a Busy Bit in the LSB data register
is set to indicate that the data is not ready. After complet-
ing the conversion, the ADC is halted and the Busy Bit is
reset to indicate that the data is ready. To make another
measurement of the same voltage or to measure another
voltage, first disable the snapshot mode for the previous
measurement by clearing control bit G7, then re-enable the
snapshot mode and write the code of the desired voltage
according to the procedure described above.
41511 F01
0.02Ω
μ-Controller
LTC4151
SHDN
VIN
7V TO 80V
VIN
VDD
VADIN
2
3
4
SCL
SDA
ADIN
ADR1
SCL
8
110
6
7
5
9
SDA
ADR0
GND
SENSE+
SENSE–
3.3V
VOUT
2k
2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com