Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01EJ8 Datasheet(PDF) 5 Page - Linear Technology

Part # REF01EJ8
Description  Precision Voltage References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

REF01EJ8 Datasheet(HTML) 5 Page - Linear Technology

  REF01EJ8 Datasheet HTML 1Page - Linear Technology REF01EJ8 Datasheet HTML 2Page - Linear Technology REF01EJ8 Datasheet HTML 3Page - Linear Technology REF01EJ8 Datasheet HTML 4Page - Linear Technology REF01EJ8 Datasheet HTML 5Page - Linear Technology REF01EJ8 Datasheet HTML 6Page - Linear Technology REF01EJ8 Datasheet HTML 7Page - Linear Technology REF01EJ8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REF-01/REF-02
5
PACKAGE DESCRIPTIO
0.050
(1.270)
MAX
0.016 – 0.021**
(0.406 – 0.533)
0.010 – 0.045*
(0.254 – 1.143)
SEATING
PLANE
0.040
(1.016)
MAX
0.165 – 0.185
(4.191 – 4.699)
GAUGE
PLANE
REFERENCE
PLANE
0.500 – 0.750
(12.700 – 19.050)
0.305 – 0.335
(7.747 – 8.509)
0.335 – 0.370
(8.509 – 9.398)
DIA
0.230
(5.842)
TYP
0.027 – 0.045
(0.686 – 1.143)
0.028 – 0.034
(0.711 – 0.864)
0.110 – 0.160
(2.794 – 4.064)
INSULATING
STANDOFF
45
°TYP
H8 (TO-5) 0.230 PCD 1197
LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE
AND 0.045" BELOW THE REFERENCE PLANE
FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS
0.016 – 0.024
(0.406 – 0.610)
*
**
PIN 1
H Package
8-Lead TO-5 Metal Can (.230 Inch PCD)
(Reference LTC DWG # 05-08-1321)
OBSOLETE PACKAGE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com