Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01HJ8 Datasheet(PDF) 4 Page - Linear Technology

Part # REF01HJ8
Description  Precision Voltage References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

REF01HJ8 Datasheet(HTML) 4 Page - Linear Technology

  REF01HJ8 Datasheet HTML 1Page - Linear Technology REF01HJ8 Datasheet HTML 2Page - Linear Technology REF01HJ8 Datasheet HTML 3Page - Linear Technology REF01HJ8 Datasheet HTML 4Page - Linear Technology REF01HJ8 Datasheet HTML 5Page - Linear Technology REF01HJ8 Datasheet HTML 6Page - Linear Technology REF01HJ8 Datasheet HTML 7Page - Linear Technology REF01HJ8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REF-01/REF-02
4
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, 0°C ≤ TA ≤ 70°C and IL = 0mA unless otherwise noted.
REF-01C, REF-02C
REF-02D
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
∆V
Output Voltage Change with
(Notes 4, 5)
●
0.45
1.7
%
∆T
Temperature
TC
Output Voltage Temperature
(Note 6)
●
8
65
8
250
ppm/
°C
Coefficient
Change in VO Temperature
RP = 10kΩ
●
0.5
0.5
ppm/%
Coefficient with Output
Adjustment
∆VOUT
Line Regulation
VIN = 8V to 30V
●
0.0001
0.018
0.0001
0.05
%/V
∆VIN
(Note 2)
∆VOUT
Load Regulation
IL = 0mA to 5mA
●
0.002
0.018
0.002
0.05
%/mA
∆IOUT
(Note 2)
Temperature Voltage Output
(Note 3) REF-02
●
2.1
2.1
mV/
°C
Temperature Coefficient
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Line and load regulation specifications include the effect of self
heating.
Note 3: Limit current in or out of Pin 3 to 50nA and capacitance on Pin 3
to 30pF.
Note 4:
∆V is defined as the absolute difference between the maximum
output voltage and the minimum output voltage over the specified
temperature range expressed as a percentage of nominal output.
∆V
VMAX VMIN
VOUT
=
–
•100
Note 5:
∆V specification applies trimmed or untrimmed.
Note 6: TC is defined as
∆V divided by the temperature range, i.e.,
TC
V
TMAX TMIN
=
∆
±
Note 7: 0.1Hz to 10Hz noise cannot be 100% tested on modern high
speed test equipment, so Linear Technology does not put a guaranteed
maximum specification on this parameter for standard units. 100% bench
testing of 0.1Hz to 10Hz noise is available on special request. To ensure
low output noise, Linear Technology
does 100% test 10Hz to 1kHz noise.
Consult factory for details.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com