Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3530 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3530
Description  Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3530 Datasheet(HTML) 1 Page - Linear Technology

  LTC3530 Datasheet HTML 1Page - Linear Technology LTC3530 Datasheet HTML 2Page - Linear Technology LTC3530 Datasheet HTML 3Page - Linear Technology LTC3530 Datasheet HTML 4Page - Linear Technology LTC3530 Datasheet HTML 5Page - Linear Technology LTC3530 Datasheet HTML 6Page - Linear Technology LTC3530 Datasheet HTML 7Page - Linear Technology LTC3530 Datasheet HTML 8Page - Linear Technology LTC3530 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3530
1
3530fb
Wide Input Voltage
Synchronous Buck-Boost
DC/DC Converter
The LTC®3530 is a wide VIN range, highly efficient, fixed
frequency, buck-boost DC/DC converter that operates
from input voltages above, below or equal to the output
voltage. The topology incorporated in the IC provides a
continuous transfer function through all operating modes,
making the product ideal for single lithium-ion, two-cell
alkaline or NiMH applications where the output voltage is
within the battery voltage range.
The LTC3530 is pin compatible with the LTC3440 buck-
boost DC/DC converter but adds programmable automatic
Burst Mode operation and extends the VIN/VOUT range to
1.8V. Switching frequencies up to 2MHz are programmed
with an external resistor. Automatic Burst Mode operation
allows the user to program the load current threshold for
Burst Mode operation using a single resistor from the
BURST pin to GND.
Other features include 1μA shutdown, short circuit pro-
tection, programmable soft-start control, current limit
and thermal shutdown. The LTC3530 is available in a
thermally enhanced 10-lead (3mm × 3mm) DFN or MSOP
package.
n MP3 Players
n Handheld Instruments
n Digital Cameras
n Smart Phones
n Portable GPS Units
n Miniature Hard Disk Drive Power
n Regulated Output with Input Voltages Above, Below
or Equal to the Output
n 1.8V to 5.5V Input and 1.8V to 5.25V Output Range
n 250mA Continuous Output Current from 1.8V VIN
n 600mA Continuous/1A Peak Output Current from
Li-Ion
n Single Inductor
n Synchronous Rectification: Up to 96% Efficiency
n Programmable Automatic Burst Mode® Operation
n Output Disconnect in Shutdown
n Pin Compatible with the LTC3440
n Programmable Frequency from 300kHz to 2MHz
n <1μA Shutdown Current
n Small Thermally Enhanced 10-Lead (3mm × 3mm)
DFN and 10-Lead MS Packages
Efficiency
SW1
VIN
SHDN/SS
RT
SW2
VOUT
FB
VC
BURST
LTC3530
10μF
1.8V TO 5.5V
1M
22μF
VOUT
3.3V AT
250mA
576k
0.01μF
10k
560pF
3530 TA01a
4.7μH
33.2k
100k
GND
ON
OFF
33pF
15k
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3350 TA01b
0
1
VIN = 2.0V
VIN = 4.2V
VIN = 3.6V
Burst Mode VIN = 3.6V
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
L, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Patents Pending.


Similar Part No. - LTC3530

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3530 LINER-LTC3530 Datasheet
280Kb / 16P
Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3530 LINER-LTC3530 Datasheet
303Kb / 16P
Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3530EDD LINER-LTC3530EDD Datasheet
280Kb / 16P
Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3530EMS LINER-LTC3530EMS Datasheet
280Kb / 16P
Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3530 LINER-LTC3530_15 Datasheet
303Kb / 16P
Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
More results

Similar Description - LTC3530

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3533 LINER-LTC3533 Datasheet
318Kb / 16P
2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
logo
fujitsu semiconductor
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
6MHz Synchronous Buck Boost DC/DC Converter
logo
Linear Technology
LTC3530EMS LINER-LTC3530EMS Datasheet
280Kb / 16P
Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3530 LINER-LTC3530_15 Datasheet
303Kb / 16P
Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3533 LINER-LTC3533_15 Datasheet
323Kb / 16P
2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com