Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6337 Datasheet(PDF) 19 Page - MOSA ELECTRONICS

Part # MS6337
Description  16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6337 Datasheet(HTML) 19 Page - MOSA ELECTRONICS

Back Button MS6337 Datasheet HTML 11Page - MOSA ELECTRONICS MS6337 Datasheet HTML 12Page - MOSA ELECTRONICS MS6337 Datasheet HTML 13Page - MOSA ELECTRONICS MS6337 Datasheet HTML 14Page - MOSA ELECTRONICS MS6337 Datasheet HTML 15Page - MOSA ELECTRONICS MS6337 Datasheet HTML 16Page - MOSA ELECTRONICS MS6337 Datasheet HTML 17Page - MOSA ELECTRONICS MS6337 Datasheet HTML 18Page - MOSA ELECTRONICS MS6337 Datasheet HTML 19Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
MOSA
MS6337
16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier
Plus Stereo Headphone Function
REV 1
19
www.mosanalog.com
Circuit
+
C3
0 .1u
C13
1u
+
C4
1u
1
2
J3
AVCC
SP1
SPK
DVDD
P3.7
1 1
RST
1
P1.0
1 2
P3.0
2
P1.1
1 3
P3.1
3
P1.2
1 4
XTAL2
4
P1.3
1 5
XTAL1
5
P1.4
1 6
P3.2
6
P1.5
1 7
P3.3
7
P1.6
1 8
P3.4
8
P1.7
1 9
P3.5
9
Vcc
2 0
GND
10
U1
AT89C4051
Y1
24M
C6
20 P
C7
20 P
R4
10K
+ C2
10u
S1
RST
DGND
1
2
3
4
J5
DAC_ IN
AGND
IR_IN
R12
1K
R13
1K
R14
1K
1
2
J1
DVDD
+
C11
0.1u
+
C12
1u
C9
100u
R7
1K
1
2
3
J4
OUT
C14
1u
C19
1u
W2
Jump er
DGND
AGND
D1
POWER
R3
1K
W1
JUMP
AVCC
C18
1 u
PVDDL
1
LOUT/BTL-
2
AVSS
3
PVSSL
4
LIN
5
SD_ MODE
6
SD
7
AVSS
8
DGND
9
/DAC_PD
10
DATA
11
WS
12
DVDD
15
AVDD
16
/CAP_DC
17
HP_IN
18
CAP
19
RIN
20
PVSSR
21
ROUT
22
PVDDR
23
BTL+
24
BCK
13
FORMAT
14
U2
MS6 337
SD_MODE
SD
DAC_PD
CAP_DC
C1 6
3 90P
R1 0
2 4K
C17
1u
FORMAT
R11
390K
AGND
DVDD
C1 5
3 90P
R9
24K
C10
100u
R8
1K
HP_IN
HP_IN
SD_ MODE
SD
DAC_PD
CAP_ DC
FORMAT
R6
100K
+ C8
1u
R5
100K
R
HP
L
G
J2
HP OUT
VS
1
IR
3
GND
2
Q1
IR
+
C1
47u
+ C5
470P
R1
220
R2
10K
DGND
IR_IN
L_ OUT
R_OUT
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com