Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSIW2000 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MSIW2000
Description  3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSIW2000 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MSIW2000 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSIW2000 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSIW2000 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSIW2000 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSIW2000 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSIW2000 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSIW2000 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MSIW2000 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
83
75
{10
{100
{15
MSIW2037
83
75
{12.5
{125
{12
MSIW2036
80
78
{30
{300
{5
MSIW2035
83
75
20
200
15
MSIW2034
83
75
25
250
12
MSIW2033
80
78
60
600
5
MSIW2032
76
5
10
68
75
750
3.3
48
( 18 ~ 75 )
MSIW2031
81
154
{10
{100
{15
MSIW2027
81
154
{12.5
{125
{12
MSIW2026
78
160
{30
{300
{5
MSIW2025
81
154
20
200
15
MSIW2024
81
154
25
250
12
MSIW2023
79
158
60
600
5
MSIW2022
75
10
20
138
75
750
3.3
24
( 9 ~ 36 )
MSIW2021
% (Typ.)
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
# For each output
uF
180
180
180
3000
3000
3000
3000
Maximum Capacitive Load
Unit
{15V #
{12V #
{5V #
15V
12V
5V
3.3V
Models by Vout
Capacitive Load
500mA Slow - Blow Type
1000mA Slow - Blow Type
48V Input Models
24V Input Models
Input Fuse Selection Guide
Pi Filter
Input Filter
mW
2000
---
---
Short Circuit Input Power
A
1
---
---
All Models
Reverse Polarity Input Current
16
---
---
48V Input Models
8
---
---
24V Input Models
Under Voltage Shutdown
17
12
8.5
48V Input Models
VDC
8.5
6
4.5
24V Input Models
Start Voltage
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
MSIW2000 Series
2
MINMAX
REV:4 2008/10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com