Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLU102 Datasheet(PDF) 7 Page - Minmax Technology Co., Ltd.

Part # MSLU102
Description  1W, Miniature SMD, Single & Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSLU102 Datasheet(HTML) 7 Page - Minmax Technology Co., Ltd.

  MSLU102 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSLU102 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSLU102 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSLU102 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSLU102 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSLU102 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSLU102 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MSLU102 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2.54mm
7.62mm
10.8mm
1.6mm
1.0mm Min
2.1 [0.08]
3.04
[0.12]
2.54
[0.10]
5.08
[0.2]
13.7 [0.54]
1.0
12
4
85
5.5 [0.22]
5.5 [0.22]
11.0 0.2 [0.43]
0.3C
8.0 [0.31]
0.6 [0.024]
[0.06]
( Magnification of A )
R0
.5
13.0 [0.51]
13.3 [0.52]
{
{
1.5 0.1
1.5 0.1[0.06]
{
0.15
Top View ( 2.54 mm / 0.1 inch grids )
Single Output
Connecting Pin Patterns
Mechanical Dimensions
{0.002
{0.05
Pin
X.XXX{0.004
X.XX{0.10
X.XX{0.01
X.X{0.25
Inches
Millimeters
Tolerance
2.54mm
1.0mm Min
7.62mm
10.8mm
1.6mm
( Magnification of A )
1.0
2.1 [0.08]
12
4
5
10
7
3.04
[0.12]
2.54
[0.10]
5.08
[0.2]
2.54
[0.10]
16.24 [0.64]
0.3C
0.6 [0.02]
5.5 [0.22]
0.15
11.0 0.2[0.43]
8.0 [0.31]
[0.06]
15.55 [0.61]
15.85 [0.62]
{
1.5 0.1[0.06]
{
{
1.5 0.1
Dual Output
MSLU100 Series
REV:10 2008/10
MINMAX
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com