Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLU321 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MSLU321
Description  1W, High Isolation SMD, Single & Dual Output DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSLU321 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSLU321 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSLU321 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSLU321 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSLU321 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSLU321 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSLU321 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Internal SMD Construction
UL 94V-0 Package Material
Temperature Performance -25] to +75]
Output 3.3, 5, 12, 15, {5, {12 and {15VDC
Input 5, 12 and 24VDC
Low Cost
3000VDC Isolation
Efficiency up to 79%
Key Features
1W, High Isolation SMD, Single & Dual Output DC/DC Converters
Minmax's MSLU300 1W DC/DC's are in "gull-wing" SMT package. The series is designed to provide high levels of isolation 3000VDC. It
consists of 21 models with input voltages of 5V,12V and 24VDC which offers standard output voltages of 3.3V, 5V, 12V, 15V, {5V, {12V and
{15VDC for the choice.
Their impressive guaranteed efficiencies enable all models to deliver their fully rated output power from -25] to +75] without heat
sinking or forced-air cooling.
The MSLU300 series is an excellent selection for a variety of applications including data communication equipments, distributed power
systems, telecommunication equipments and industrial robot systems.
The MSLU300 units are available in tape and reel package.
Low Profile
Low Cost
$
I/O Isolation
3000
VDC
SMD
Leadfree Reflow Solder Process as per IPC/JEDEC J-STD-020C peak
temp. 245C/10 sec.
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
Free-Air Convection
Cooling
mW
550
---
Internal Power Dissipation
%
95
--
Humidity
]
300
---
Lead Temperature (1.5mm from case for 10 Sec.)
]
+125
-25
Storage Temperature
VDC
30
-0.7
24VDC Input Models
]
+90
-25
Case
Operating Temperature
VDC
18
-0.7
12VDC Input Models
]
+75
-25
Ambient
Operating Temperature
VDC
9
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Conditions
Parameter
Unit
Max.
Min.
Parameter
Environmental Specifications
Absolute Maximum Ratings
MSLU300 Series
REV:5 2009/01/20
MINMAX
1


Similar Part No. - MSLU321

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSLU321 MINMAX-MSLU321 Datasheet
271Kb / 4P
DC/DC CONVERTER 1W, High Isolation, SMD Package with Industry Standard Pinout
MSLU321 MINMAX-MSLU321 Datasheet
287Kb / 5P
DC/DC CONVERTER 1W, High Isolation,SMD-Package
logo
Total Power Internation...
MSLU321 TOTAL-POWER-MSLU321 Datasheet
459Kb / 4P
SMD Package with Industry Standard Pinout
More results

Similar Description - MSLU321

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU400 TOTAL-POWER-MAU400 Datasheet
338Kb / 6P
1W, Ultra High Isolation SIP SINGLE AND DUAL OUTPUT DC/DC Converters
logo
Minmax Technology Co., ...
MSAU300 MINMAX-MSAU300 Datasheet
202Kb / 5P
1W, High Isolation SMD, Single & Dual Output DC/DC Converters
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
MFU100 MINMAX-MFU100 Datasheet
156Kb / 6P
1W, Ultra-Miniature, High Isolation, Single Output DC/DC Converters
MSLU100 MINMAX-MSLU100 Datasheet
196Kb / 8P
1W, Miniature SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
LF100DI MPD-LF100DI Datasheet
216Kb / 2P
High Isolation, 1W Dual Output SMT DC/DC Converters
LF100SI MPD-LF100SI Datasheet
218Kb / 2P
High Isolation, 1W Single Output SMT DC/DC Converters
logo
MPS Industries, Inc.
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
ADC400 MPSIND-ADC400 Datasheet
171Kb / 2P
1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
High Isolation, 1W SIP Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com