Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLU324 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MSLU324
Description  1W, High Isolation SMD, Single & Dual Output DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSLU324 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MSLU324 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSLU324 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSLU324 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSLU324 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSLU324 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSLU324 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
79
5
54
{0.7
{34
{15
MSLU329
79
5
53
{0.8
{42
{12
MSLU328
73
8
57
{2
{100
{5
MSLU326
79
5
53
1.5
67
15
MSLU325
79
5
53
2
84
12
MSLU324
73
8
57
4
200
5
MSLU322
70
10
8
51
5
260
3.3
24
(21.6 ~ 26.4)
MSLU321
80
5
106
{0.7
{34
{15
MSLU319
80
5
105
{0.8
{42
{12
MSLU318
76
8
110
{2
{100
{5
MSLU316
81
5
103
1.5
67
15
MSLU315
80
5
105
2
84
12
MSLU314
76
8
110
4
200
5
MSLU312
73
10
15
98
5
260
3.3
12
(10.8 ~ 13.2)
MSLU311
80
7
255
{0.7
{34
{15
MSLU309
79
7
255
{0.8
{42
{12
MSLU308
75
10
267
{2
{100
{5
MSLU306
80
7
251
1.5
67
15
MSLU305
79
7
255
2
84
12
MSLU304
75
10
267
4
200
5
MSLU302
72
10
30
238
5
260
3.3
5
(4.5 ~ 5.5)
MSLU301
% (Typ.)
%(Max.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Load
Regulation
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
# For each output
uF
2.2
2.2
10
4.7
4.7
33
33
Maximum Capacitive Load
Unit
{15V #
{12V #
{5V #
15V
12V
5V
3.3V
Models by Vout
Capacitive Load
100mA Slow - Blow Type
200mA Slow - Blow Type
500mA Slow - Blow Type
24V Input Models
12V Input Models
5V Input Models
Input Fuse Selection Guide
Input Specifications
Internal Capacitor
Input Filter
A
0.3
---
---
All Models
Reverse Polarity Input Current
26.4
24
21.6
24V Input Models
13.2
12
10.8
12V Input Models
VDC
5.5
5
4.5
5V Input Models
Input Voltage Range
Unit
Max.
Typ.
Min.
Model
Parameter
MSLU300 Series
2
MINMAX
REV:5 2009/01/20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com