Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L-252 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # L-252
Description  Common Mode Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-252 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  L-252 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Transformers & Magnetic Products
PARAMETER
MIN.
TYP.
MAX.
UNITS
Inductance @ 0.20 Vrms / 1 kHz
3.0
mH
DCR Max. of each Winding
60
m
Ω
Current
3.5
A
Leakage Inductance
56
µH
Dielectric Strength
1250
Vrms
Creepage Between Windings
3.0
mm
1 OF 1
3/06/96
L-252
www.rhombus-ind.com
SEMI-POTTED VERTICAL STYLE
Schematic Diagram
1.150
0.450
0.200
.015
1.150
Common Mode Inductors
Physical Dimensions - inches
Single Layer Windings with
Spacers specially designed by
Rhombus Industries to provide
3mm Creepage and Clearance
for International Safety
Compliance.
Operating Temperature: These
parts are made
with materials rated for 1300C
minimum, and these
components can be safely
operated up to 130OC. *
Designed to prevent noise emission
in switching power supplies at input.
Windings balanced to 1%
Isolation 1250 VRMS
Materials used in the construction
of these parts are UL 94 VO and
are rated at 130o C or better
* AMBIENT + TEMPERATURE
RISE. In addition, inductance
will be effected by an increase
in temperature. Typically:
20% increase to 500C
40% increase to 1000C
65% increase to 1300C
0.800
1
2
3
Bottom View
4
0.400
0.550


Similar Part No. - L-252

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-252 RHOMBUS-IND-L-252 Datasheet
67Kb / 2P
Common Mode Inductors
More results

Similar Description - L-252

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-244 RHOMBUS-IND-L-244 Datasheet
67Kb / 2P
Common Mode Inductors
L-14000 RHOMBUS-IND-L-14000 Datasheet
58Kb / 2P
Common Mode Inductors
logo
TRIAD MAGNETICS
CMT-8101 TRIAD-CMT-8101 Datasheet
86Kb / 1P
Common Mode Inductors
CMT-8105 TRIAD-CMT-8105 Datasheet
89Kb / 1P
Common Mode Inductors
CMT-8106 TRIAD-CMT-8106 Datasheet
89Kb / 1P
Common Mode Inductors
CMT-8107 TRIAD-CMT-8107 Datasheet
89Kb / 1P
Common Mode Inductors
CMT-8109 TRIAD-CMT-8109 Datasheet
91Kb / 1P
Common Mode Inductors
CMT-8110 TRIAD-CMT-8110 Datasheet
91Kb / 1P
Common Mode Inductors
CMT-8115 TRIAD-CMT-8115 Datasheet
92Kb / 1P
Common Mode Inductors
CMT-8116 TRIAD-CMT-8116 Datasheet
93Kb / 1P
Common Mode Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com