Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARC-2 Datasheet(PDF) 2 Page - Merrimac Industries, Inc.

Part # ARC-2
Description  VARIABLE ATTENUATORS, MANUAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

ARC-2 Datasheet(HTML) 2 Page - Merrimac Industries, Inc.

  ARC-2 Datasheet HTML 1Page - Merrimac Industries, Inc. ARC-2 Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ARC-2 (& ARC-4, ARC-7) Package Outlines
ARC-1 (& ARC-3) Package Outline
Forfurtheri
nformati
oncontact
M ERRIM AC /41 Fairfield Pl.,W estCaldw ell,NJ,07006 /973-575-1300 /FAX 973-575-0531
ARC Series
VARIABLE ATTENUATORS, MANUAL
DC to 400 MHz / 0 to 20 dB Range / Broadband / Panel Mountable / 50
& 75
/ BNC & SMA
NOTES:
1. Tolerance on 3 place decimals
±0.020(.51) except as noted.
2. Dimensions in inches over millimeters.
3. ARC-3 as ARC-1 but with BNC connectors
NOTES:
1. Tolerance on 3 place decimals
±0.020 (0.51) except as noted.
2. Dimensions in inches over millimeters.
3. Knob is shipped to customer loose.
4. Secure knob with (2) #4 screws supplied with knob.
5. ARC-4 and ARC-7 as ARC-2 but with BNC connectors.
26Feb96



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com