Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS-2 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # ARS-2
Description  VARIABLE ATTENUATORS, MANUAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

ARS-2 Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  ARS-2 Datasheet HTML 1Page - Merrimac Industries, Inc. ARS-2 Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Typical Performance
General Notes:
1. The ARS series consists of continuously
variable attenuators utilizing compensated
Bridged Tee Networks to vary signal power.
These constant impedance, very broadband
attenuators are designed to cover frequencies
from DC to 400 MHz.
2. Similar units are available with analog
electronic control of attenuation in the AFF and
AEF series and digital control in the AD series.
Further varieties are also available in the ARC
series including a 75
Ω model for baseband
communications systems
3. For special requirements, Merrimac can
supply units with special characteristics such
as the long shaft version, ARS-1A, which was
developed for requirements using a knob.
4. The ARS series can be supplied screened
for high reliability to meet specific military and
space applications.
PRINCIPAL SPECIFICATIONS
Frequency
Performance
Attenuation
Insertion
CW
Weight,
Model
Mechanical
Range,
Bandwidth,
Range,
Loss,
VSWR, Power,
oz. (g),
Number
Configuration
MHz
MHz
dB, Min.
dB, Max.
Max.
W, Max.
Nom.
ARS-1
Side Screw Drive/
DC - 400
DC - 50
0 - 20
1.0
1.5:1
0.5
0.7 (20)
PC Plug-In
DC - 200
0 - 13
1.5
1.8:1
DC - 400
0 - 8
2.5
2.2:1
ARS-2
Top Screw Drive/
DC - 400
DC - 50
0 - 20
1.0
1.5:1
0.5
1 (28)
PC Plug-In
DC - 200
0 - 13
1.5
1.8:1
DC - 400
0 - 8
2.5
2.2:1
GENERAL SPECIFICATIONS
Resetability (Granularity):
0.2 dB
Impedance:
50
Ω nom.
Operating Temperature:
-- 55° to +85°C
ARS Series
VARIABLE ATTENUATORS, MANUAL
DC to 400 MHz / Up to 20 dB Range / Low Insertion Loss / Broadband / PC Mount
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
28Jun02


Similar Part No. - ARS-2

ManufacturerPart #DatasheetDescription
logo
Vecow Co., Ltd.
ARS-2000L VECOW-ARS-2000L Datasheet
360Kb / 2P
3 Independent GigE LAN with 2 IEEE 802.3at PoE
ARS-2000L-300U VECOW-ARS-2000L-300U Datasheet
360Kb / 2P
3 Independent GigE LAN with 2 IEEE 802.3at PoE
ARS-2000L-600U VECOW-ARS-2000L-600U Datasheet
360Kb / 2P
3 Independent GigE LAN with 2 IEEE 802.3at PoE
ARS-2000L-7600U VECOW-ARS-2000L-7600U Datasheet
360Kb / 2P
3 Independent GigE LAN with 2 IEEE 802.3at PoE
ARS-2000L-955U VECOW-ARS-2000L-955U Datasheet
360Kb / 2P
3 Independent GigE LAN with 2 IEEE 802.3at PoE
More results

Similar Description - ARS-2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HRLA-C1ML-06-PJ HIROSE-HRLA-C1ML-06-PJ Datasheet
104Kb / 2P
Optical Variable Attenuators
logo
Merrimac Industries, In...
AR-1 MERRIMAC-AR-1 Datasheet
244Kb / 2P
VARIABLE ATTENUATORS, MANUAL
ARC-1 MERRIMAC-ARC-1 Datasheet
247Kb / 2P
VARIABLE ATTENUATORS, MANUAL
logo
JDS Uniphase Corporatio...
VSA-0CNHC10NC JDSU-VSA-0CNHC10NC Datasheet
134Kb / 3P
Variable Slope Attenuators
logo
BOWEI Integrated Circui...
HE411B BOWEI-HE411B Datasheet
68Kb / 1P
Voltage Variable Attenuators
HE891A BOWEI-HE891A Datasheet
86Kb / 1P
Voltage Variable Attenuators
HE892 BOWEI-HE892 Datasheet
71Kb / 1P
Voltage Variable Attenuators
HE893 BOWEI-HE893 Datasheet
78Kb / 1P
Voltage Variable Attenuators
logo
CML Microcircuits
DB839 CMLMICRO-DB839 Datasheet
169Kb / 20P
Two Variable Attenuators
logo
Qualwave Inc. All right...
QCA1 QUALWAVE-QCA1 Datasheet
144Kb / 1P
Continuously Variable Attenuators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com