Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12 Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # SS12
Description  Signaling Strobes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SS12 Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  SS12 Datasheet HTML 1Page - Systemsensor advanced ideas. SS12 Datasheet HTML 2Page - Systemsensor advanced ideas. SS12 Datasheet HTML 3Page - Systemsensor advanced ideas. SS12 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS12/24ADA
Signaling
Strobes
© System Sensor 8/96
This document is not intended to be used for installation purposes.
A05-206-04
APPROVED
A Division of Pittway
3825 Ohio Avenue, St. Charles, IL 60174
1-800-SENSOR2 (736-7672), Fax 630-377-6495
http://www.systemsensor.com
SS1215ADA
Signaling Strobe
MASS241575ADA
Strobe with
Multi-Alert™ Horn
System Sensor SS12/24ADA
Series signaling strobes
comply with the Americans with Disabilities Act (ADA)
and the demanding requirements of the Underwriters
Laboratories Standard UL 1971 for the Hearing Impaired.
The 15/75 strobe models are UL 1971 listed at 15 cd.
To insure compliance with ADA and UL 1971, use the
System Sensor 75 candela models for non-sleeping areas,
and the wall-mounted 110 candela models for sleeping
areas. Available in red or beige at 12 or 24 VDC, the
SS12/24ADA series of signaling strobes can be surface
mounted directly to a standard 4
″ backbox or can be
mounted to our semi-flush plate for recessed electrical
boxes. They are also available in combination with System
Sensor Multi-Alert horns and Sound Choice SP101 or V400
speakers for both visible and audible signaling.
Features
• 93mA avg. current draw at 24VDC, regulated power
supply for SS241575ADA
• Multiple light intensities
–24 VDC: 15, 15/75, 75, or 110 cd models
–12 VDC: 15 or 15/75 cd
• No measurable in-rush in excess of peak current
• Intended for primary signaling
• Installer Easy strobe features
–Mounts to single gang box with MP-SF plate
–Plug-in terminal strip
–Wire strip gauge and wiring diagram on back
• Available with Multi-Alert™ horn, Sound Choice™
SP101, or V400 Series speaker
• 3 year warranty
Specifications
Input terminals:
18 – 12 AWG
Shipping Weight:
SS Series Strobes:
5 oz. (141g)
MASS Series
Horn/Strobes:
10.4 oz. (293g)
Operating
Temperature Range:
32
°F to 120°F (0°C to 49°C)
Mounting:
Surface:
4
″ × 4″ × 11/2″ standard backbox
(21/8
″ recommended)
Semiflush:
4
″ × 4″ × 11/2″ standard backbox
(21/8
″ recommended) with
MP-SF semi-flush mounting
plate (order separately)
Dimensions:
TOP
TOP
4
″
4
″
4
″
4
″
53/32
″
33/4
″
111/32
″
23/4
″
1/4
″
3
″
SS12/24ADA Series
MASS12/24ADA Series


Similar Part No. - SS12

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS12 PANJIT-SS12 Datasheet
66Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Surge Components
SS12 SURGE-SS12 Datasheet
136Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
Transys Electronics
SS12 TRSYS-SS12 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SS12 WTE-SS12 Datasheet
42Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS12 JGD-SS12 Datasheet
171Kb / 2P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS12

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
MVS-2600 PERKINELMER-MVS-2600 Datasheet
36Kb / 2P
Machine Vision Strobes
logo
List of Unclassifed Man...
MX803A ETC-MX803A Datasheet
225Kb / 26P
Audio Signaling Processor
logo
Systemsensor advanced i...
S2475RLP SYSTEMSENSOR-S2475RLP Datasheet
126Kb / 2P
SpectrAlert??Colored Lens Strobes and Horn/Strobes
P1215 SYSTEMSENSOR-P1215 Datasheet
113Kb / 4P
Wall-Mount Horns, Strobes, and Horn/Strobes
SC2415W SYSTEMSENSOR-SC2415W Datasheet
332Kb / 4P
Strobes and Horn Strobes
V4R24ADA SYSTEMSENSOR-V4R24ADA Datasheet
168Kb / 4P
Speaker/Strobes for Fire Protective Signaling Systems
logo
Gamewell-FCI by Honeywe...
72045 GAMEWELL-FCI-72045 Datasheet
324Kb / 2P
Speaker/Strobes
SC2415 GAMEWELL-FCI-SC2415 Datasheet
536Kb / 4P
SC Strobes and PC Horn/Strobes
logo
Asahi Kasei Microsystem...
AK2363 AKM-AK2363 Datasheet
495Kb / 33P
Radio Signaling LSI
logo
OSRAM GmbH
LAE63F OSRAM-LAE63F Datasheet
594Kb / 22P
Signaling
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com