Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012H Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # 2012H
Description  Direct-Wire Smoke Detector with Built-in Relay and Horn
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

2012H Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  2012H Datasheet HTML 1Page - Systemsensor advanced ideas. 2012H Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
System Sensor Headquarters
3825 Ohio Avenue
St. Charles, IL 60174
Ph: 800-SENSOR2
Fx: 630/377-6495
Documents On Demand
1-800-736-7672 x3
www.systemsensor.com
System Sensor Canada
Ph: 905.812.0767
Fx: 905.812.0771
System Sensor UK
Ph: 011.44.1403.276500
Fx: 011.44.1403.276501
System Sensor in China
Ph: 011.86.29.524.6253
Fx: 011.86.29.524.6259
System Sensor in Singapore
Ph: 011.65.273.2230
Fx: 011.65.273.2610
System Sensor– Far East
Ph: 011.852.2191.9003
Fx: 011.852.2736.6580
System Sensor– Australia
Ph: 011.613.54.281.142
Fx: 011.613.54.281.172
Operating Voltage
12 VDC (nominal)
Relay Contact Rating
1 Form A, .5 A @ 30 VDC
Standby Current
60 µA maximum average
Alarm Current
20 mA maximum average @ 12 VDC
Temperature Range
32° to 120°F (0° to 50°C)
System Sensor Sales and Service
© 1999 System Sensor. The company reser ves the right to change product specifications without notice.
A05-238-03•6/99(10K)•#475
Ordering Information
Par t Number
Description
2012H
Photoelectronic smoke detector with relay, 12 VDC, multiple station
A77-727-01
12 VDC power supply, mounts to a 4
″ square box, 2 1⁄
8
″ deep
Size
1.75
″ H x 5.5″ dia.
(44.5 mm h x 140 mm dia.)
Weight
5.3 oz. (150 grams)
Humidity Range
10% to 93% RH, noncondensing
General Specifications
Electrical Ratings
2012H Wiring Diagram
(–)
(+)
Interconnect Up To
12 Detectors
Auxiliary
Alarm Relay
12OVAC
A77-727-O1
12VDC POWER
SUPPLY
GRAY
RED
BLACK
BLACK
(+) (–)
POWER INPUT
AUXILIARY
(+) (–)
POWER INPUT
AUXILIARY
(+) (–)
POWER INPUT
AUXILIARY
(+) (–)
POWER INPUT
AUXILIARY
(+) (–)
POWER INPUT
AUXILIARY
(+) (–)
POWER INPUT
AUXILIARY
SIGNAL
GROUND
SIGNAL
GROUND
SIGNAL
GROUND
SIGNAL
GROUND
SIGNAL
GROUND
SIGNAL
GROUND
Maximum power bus length (in feet), given number
of units (maximum per bus) and wire size.
Wire Gauge
14 AWG
16 AWG
18 AWG
1 Unit
5000
3735
2349
2 Units
2970
1867
1174
3 Units
1980
1245
783
4 Units
1485
933
587
5 Units
1188
747
469
6 Units
990
622
391
7 Units
848
533
335
8 Units
742
466
293
9 Units
660
415
261
10 Units
594
373
234
11 Units
540
339
213
12 Units
495
311
195
Maximum interconnect bus length:
5,000 FT., No. 18AWG or larger dual
conductor cable.
All wiring must conform to local electrical codes.
Residential Smoke Detector Placement
As defined in NFPA72 “Smoke detectors shall be installed outside of each separate
sleeping area in the immediate vicinity of the bedrooms and on each additional stor y
of the family living unit, including basements and excluding crawlspaces and unfin-
ished attics. In new construction, a smoke detector shall also be installed in each
sleeping room”.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com