Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012B Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # 2012B
Description  Direct-Wire Smoke Detector with Built-in Relay and Horn
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

2012B Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  2012B Datasheet HTML 1Page - Systemsensor advanced ideas. 2012B Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
A05-238-02
(–)
(+)
INTERCONNECT UP TO
12 DETECTORS
AUXILIARY ALARM RELAY
12OVAC
A77-727-O1
12VDC POWER
SUPPLY
POWERS UP TO
16 DETECTORS
GRAY
RED
BLACK
BLACK
WIRE
GAUGE
14AWG
16AWG
18AWG
1 UNIT
5000
3735
2349
2 UNITS
2970
1867
1174
3 UNITS
1980
1245
783
4 UNITS
1485
933
587
5 UNITS
1188
747
469
6 UNITS
990
622
391
MAXIMUM POWER BUS LENGTH IN FEET. GIVEN NUMBER OF
UNITS (MAXIMUM PER BUS) AND WIRE SIZE.
MAXIMUM INTERCONNECT BUS LENGTH:
5,000 FT. NO. 18AWG OR LARGER DUAL CONDUCTOR CABLE.
ALL WIRING MUST CONFORM TO LOCAL ELECTRICAL CODES.
RELAY CONTACTS RATING: 0.5A 30VDC; 0.5A 30VAC
7 UNITS
848
533
335
8 UNITS
742
466
293
9 UNITS
660
415
261
10 UNITS
594
373
234
11 UNITS
540
339
213
12 UNITS
495
311
195
(+) (–)
POWER INPUT
AUXILIARY
(+) (–)
POWER INPUT
AUXILIARY
(+) (–)
POWER INPUT
AUXILIARY
(+) (–)
POWER INPUT
AUXILIARY
(+) (–)
POWER INPUT
AUXILIARY
(+) (–)
POWER INPUT
AUXILIARY
1012B/2012B Wiring Diagram
General Description
System Sensor 1012B ionization and 2012B photoelectronic
detectors are designed primarily for applications where
low-voltage Class 2 wiring may be used. These detectors
are self-resetting and offer an 85dB alarm horn. An
external push button provides a test of the detectors’
alarm function. Up to 12 units can be interconnected so
that if one detector alarms, all detectors alarm. A normally
open auxiliary alarm relay is available for controlling
external functions. A visible LED indicator flashes once
every 40 seconds in standby and rapidly in alarm when
detecting smoke. The detectors offer low-voltage operation
and a tamper-proof feature. Screw terminals and a
mounting bracket are provided for easy installation.
Ordering Information
Part No.
Description
1012B
Ionization smoke detector with relay, 12 VDC,
multiple station
2012B
Photoelectronic smoke detector with relay, 12 VDC,
multiple station
A77-727-01 12 VDC power supply, mounts to a 4
″ square box,
21/8
″ deep
System Sensor Worldwide Distribution
In Canada:
System Sensor Canada
6581 Kitimat Road, Unit #7
Mississauga, Ontario
Canada L5N 3T5
Telephone: 905-812-0767
Fax: 905-812-0771
In the United Kingdom:
System Sensor Europe, Ltd.
Horsham Gates III, North St.
Horsham, West Sussex
RH13 5PJ, United Kingdom
Telephone: 44-1403-276500
Fax: 44-1403-276501
In India:
System Sensor India
A-204 Maheshwari Nagar
Orkay Mills Lane
Andheri East, Mumbai 400093
Telefax: 91-022-8202564
In the Far East:
System Sensor
Pittway Far East, Ltd.
Suite 706, New T&T Centre
7 Canton Road
Tsimshatsui, Kowloon, Hong Kong
Telephone: 852-2730-9090
Fax: 852-2736-6580



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com