Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ4285LS Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ4285LS
Description  Enhanced RTC With NVRAM Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4285LS Datasheet(HTML) 2 Page - Texas Instruments

  BQ4285LS Datasheet HTML 1Page - Texas Instruments BQ4285LS Datasheet HTML 2Page - Texas Instruments BQ4285LS Datasheet HTML 3Page - Texas Instruments BQ4285LS Datasheet HTML 4Page - Texas Instruments BQ4285LS Datasheet HTML 5Page - Texas Instruments BQ4285LS Datasheet HTML 6Page - Texas Instruments BQ4285LS Datasheet HTML 7Page - Texas Instruments BQ4285LS Datasheet HTML 8Page - Texas Instruments BQ4285LS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Block Diagram
standard CMOS SRAM nonvolatile during power-fail
conditions. During power-fail, the bq4285E/L auto-
matically write-protects the external SRAM and pro-
vides a VCC output sourced from the clock backup
battery.
Pin Descriptions
AD0–AD7
Multiplexed address/data input/
output
The bq4285E/L bus cycle consists of two
phases: the address phase and the data-
transfer phase. The address phase precedes
the data-transfer phase.
During the ad-
dress phase, an address placed on AD0–AD7
is latched into the bq4285E/L on the falling
edge of the AS signal.
During the data-
transfer phase of the bus cycle, the AD0–AD7
pins serve as a bidirectional data bus.
MOT
Connect to VSS for normal operation
The setting should not be changed during
system operation. MOT is internally pulled
low by a 20K
Ω resistor. For the DIP and
SOIC packages, this pin is internally con-
nected to VSS, enabling the bus timing for
the Intel architecture.
CS
Chip select input
CS should be driven low and held stable
during the data-transfer phase of a bus cy-
cle accessing the bq4285E/L.
2
Bus
Type
MOT
Level
DS
Equivalent
R/W
Equivalent
AS
Equivalent
Intel
VSS
RD,
MEMR, or
I/OR
WR,
MEMW, or
I/OW
ALE
Table 1. Bus Setup
bq4285E/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com