Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RR2 Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # RR2
Description  Polarity Reversal Relay Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

RR2 Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  RR2 Datasheet HTML 1Page - Systemsensor advanced ideas. RR2 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Q. What advantage does the RR2 have over the RR1?
A. The RR2 has the ability to differentiate between
continuous and pulsed panel outputs and can be
used on single output panels.
Q. What panel types are compatible with the RR2?
A. The RR2 can be used with 2-wire, 4-wire, 12 VDC or
24 VDC single or combination output panels.
Q. Does the RR2 operate with Ademco panels? Are
separate Ademco modules also required?
A. The RR2 operates with Ademco panels and does not
require a separate Ademco module.
Q. Does the RR2 operate with continuous and coded
(pulsed) alarm signals?
A. The RR2 offers a field-selectable switch for setting the
RR2 for continuous or coded outputs.
Q. Are there any special wiring instructions to follow with
the RR2?
A. Polarity should be observed and the RR2 must be
connected to an auxiliary power supply.
Q. What kind of panel outputs are required for use with
the RR2?
A. The RR2 can be used with fire control panels with a
bell/alarm output or an alarm relay output.
Q. Does the RR2 accommodate more than one 2-wire
sounder detector (2100AT) on a loop?
A. Yes, more than one model 2100AT can be placed on a
zone when the panel switches to a reverse polarity, non-
current-limited auxiliary power supply*. Refer to
wiring diagrams below for specific 2-wire detector
wiring.
* Current supply must be adequate per appropriate calculations.
©2001 System Sensor. The company reser ves the right to change product specifications without notice.
A05-0313-000•3/01(5K)•#733
Frequently Asked Questions
System Sensor Sales and Service
System Sensor Headquarters
3825 Ohio Avenue
St. Charles, IL 60174
Ph: 800/736-7672
Fx: 630/377-6495
Documents-on-Demand:
800/736-7672 x3
Web: www.systemsensor.com
System Sensor in Canada
Ph: 905/812-0767
Fx: 905/812-0771
System Sensor in Europe
Ph: + 44.1403.276500
Fx: + 44.1403.276501
System Sensor in China
Ph: + 86.29.524.6253
Fx: + 86.29.524.6259
System Sensor in Singapore
Ph: + 65.273.2230
Fx: + 65.273.2610
System Sensor in the Far East
Ph: + 852.21919003
Fx: + 852.27366580
System Sensor in Australia
Ph: + 613.54.281.142
Fx: + 613.54.281.172
System Sensor in India
Ph: + 91.11.558.2119
Fx: + 91.11.527.6815
EOL
+
+
–
A
+
RA400Z
A
-
+
–
BELL/
ALARM
CIRCUIT
(positive signal
in alarm state)
UL LISTED
ALARM
CONTROL
PANEL
INITIATING
CIRCUIT
PURPLE
T+
+
–
+
–
AUX POWER
YELLOW
IN+
ORANGE
IN–
RED
PWR+
BLACK
PWR–
BROWN
OUT+
WHITE
OUT–
Power
Not
Used
+
+
–
A
+
RA400Z
A
-
+
–
Power
Not
Used
EOL
+
+
–
A
+
RA400Z
A
-
+
–
ALARM
RELAY
(NO Contact)
UL LISTED
ALARM
CONTROL
PANEL
INITIATING
CIRCUIT
+
–
+
–
AUX POWER
Power
Not
Used
+
+
–
A
+
RA400Z
A
-
+
–
Power
Not
Used
PURPLE
T+
YELLOW
IN+
ORANGE
IN–
RED
PWR+
BLACK
PWR–
BROWN
OUT+
WHITE
OUT–
2-Wire System Triggered from IAC/Bell Circuit:
2-Wire System Triggered from Alarm Relay Contact:
NOTE:
If optional Style A (Class A)
wiring is used, a second RR2
module must be added to
enable concurrent loop
polarity reversal.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com