Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFD40 Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # LFD40
Description  Low Flow Rate Waterflow Detectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

LFD40 Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  LFD40 Datasheet HTML 1Page - Systemsensor advanced ideas. LFD40 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
System Sensor’s Accuflow
™ Low Flow Rate detectors are a new line of solid state
waterflow detectors designed for use in wet pipe water mist systems where low
flow detection is required.
Robust Construction.
Accuflow low flow detectors consist of a rugged enclosure for
indoor and outdoor use. Like all System Sensor waterflow detectors, low flow models
operate across a wide temperature range, from 32ºF to 120ºF (0°C to 49°C).
Reliable Performance.
Accuflow low flow detectors are intended for applications
where flow detection of 3 GPM or greater is required. By incorporating a solid state
retard, proper sensitivity, timing accuracy and switch resetting is assured.
False Alarm Immunity.
The solid state circuitry of Accuflow low flow detectors
provides greater timing accuracy over traditional mechanical retard designs. This
accuracy minimizes the risk of false alarms created by pressure surges or air trapped
within the sprinkler system.
Simplified Operation.
Accuflow low flow detectors are designed to simplify installa-
tion. Wired like traditional waterflow detectors, these models do not require the
installer to run an additional third wire. Two conduit openings permit easy attach-
ment to the local alarm system.
For use in wet pipe water mist systems
Compatible with 2 to 4 inch stainless
steel and brass pipe
Solid state retard assures precise
timing accuracy
Dipswitch selections simplify
retard settings
Non-polarized, two-wire design
allows connection to a local bell and
conventional or addressable systems
NEMA 4 rated
Synchronized switches activate
both the alarm panel and local
bell simultaneously
Product Overview
Accuflow
™ Series
Low Flow Rate
Waterflow Detectors
Models Available
LFD20
LFD25-73MM
LFD25-76MM
LFD30-2
LFD40
Replacement Par ts
WFDW
Cover wrench
546-9000
Cover tamper
switch kit
WFDN4
Gasket kit
LFD30-2
LFD30-2 (cover removed)
®


Similar Part No. - LFD40

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD415-62-XX-PF LIGITEK-LFD415-62-XX-PF Datasheet
187Kb / 9P
FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP126-PF LIGITEK-LFD415-62-XX-RP126-PF Datasheet
146Kb / 9P
FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP33-PF LIGITEK-LFD415-62-XX-RP33-PF Datasheet
145Kb / 9P
FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP5 LIGITEK-LFD415-62-XX-RP5 Datasheet
106Kb / 8P
FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP63-PF LIGITEK-LFD415-62-XX-RP63-PF Datasheet
146Kb / 9P
FOUR DIGIT LED DISPLAY(0.39Inch)
More results

Similar Description - LFD40

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
AFDT SYSTEMSENSOR-AFDT Datasheet
88Kb / 2P
Solid State Waterflow Detectors
DH200PL SYSTEMSENSOR-DH200PL Datasheet
404Kb / 4P
Intelligent Low-Flow Duct Smoke Detectors
logo
Gamewell-FCI by Honeywe...
SS-PD GAMEWELL-FCI-SS-PD Datasheet
225Kb / 4P
Intelligent Low-Flow Photoelectric Duct Smoke Detectors
302-135 GAMEWELL-FCI-302-135 Datasheet
131Kb / 2P
Rate-Anticipation Heat Detectors
logo
Fuji Electric
EDS9-5J FUJI-EDS9-5J Datasheet
257Kb / 4P
FC SERIES FLOW RATE COMPENSATOR
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
Low Voltage Detectors Standard Voltage Detectors
logo
Laird Tech Smart Techno...
WL-1000 LSTD-WL-1000 Datasheet
594Kb / 3P
Adjustable Flow Rate
WL-2000 LSTD-WL-2000 Datasheet
1Mb / 3P
Adjustable Flow Rate
logo
Systemsensor advanced i...
WFDN SYSTEMSENSOR-WFDN Datasheet
663Kb / 2P
Waterflow Detector
WFDTN SYSTEMSENSOR-WFDTN Datasheet
494Kb / 2P
Waterflow Detector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com