Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ3285ESS Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ3285ESS
Description  Real-Time Clock RTC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3285ESS Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ3285ESS Datasheet HTML 3Page - Texas Instruments BQ3285ESS Datasheet HTML 4Page - Texas Instruments BQ3285ESS Datasheet HTML 5Page - Texas Instruments BQ3285ESS Datasheet HTML 6Page - Texas Instruments BQ3285ESS Datasheet HTML 7Page - Texas Instruments BQ3285ESS Datasheet HTML 8Page - Texas Instruments BQ3285ESS Datasheet HTML 9Page - Texas Instruments BQ3285ESS Datasheet HTML 10Page - Texas Instruments BQ3285ESS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Periodic Interrupt
The mux output used to drive the SQW output also
drives the interrupt-generation circuitry. If the periodic
interrupt event is enabled by writinga1tothe periodic
interrupt enable bit (PIE) in register C, an interrupt re-
quest is generated once every 122
µs to 500ms. The pe-
riod between interrupts is selected by the same bits in
register A that select the square wave frequency (see Ta-
ble 3). Setting OSC2–OSC0 in register A to 011 does not
affect the periodic interrupt timing.
Alarm Interrupt
The alarm interrupt is active in battery-backup mode,
providing a “wake-up” capability. During each update
cycle, the RTC compares the hours, minutes, and sec-
onds bytes with the three corresponding alarm bytes. If
a match of all bytes is found, the alarm interrupt event
flag bit, AF in register C, is set to 1. If the alarm event
is enabled, an interrupt request is generated.
An alarm byte may be removed from the comparison by
setting it to a “don’t care” state. An alarm byte is set to
a “don’t care” state by writinga1toeachofitstwo
most-significant bits. A “don’t care” state may be used to
select the frequency of alarm interrupt events as follows:
n
If none of the three alarm bytes is “don’t care,” the
frequency is once per day, when hours, minutes, and
seconds match.
n
If only the hour alarm byte is “don’t care,” the
frequency is once per hour, when minutes and
seconds match.
n
If only the hour and minute alarm bytes are “don’t
care,” the frequency is once per minute, when seconds
match.
n
If the hour, minute, and second alarm bytes are
“don’t care,” the frequency is once per second.
Update Cycle Interrupt
The update cycle ended flag bit (UF) in register C is set to
a 1 at the end of an update cycle. If the update interrupt
enable bit (UIE) of register B is 1, and the update transfer
inhibit bit (UTI) in register B is 0, then an interrupt request
is generated at the end of each update cycle.
Accessing RTC bytes
The EXTRAM pin must be low to access the RTC regis-
ters. Time and calendar bytes read during an update
cycle may be in error. Three methods to access the time
and calendar bytes without ambiguity are:
n
Enable
the
update
interrupt
event
to
generate
interrupt requests at the end of the update cycle. The
interrupt handler has a maximum of 999ms to access
the clock bytes before the next update cycle begins (see
Figure 3).
n
Poll the update-in-progress bit (UIP) in register A. If
UIP = 0, the polling routine has a minimum of tBUC
time to access the clock bytes (see Figure 3).
n
Use
the
periodic
interrupt
event
to
generate
interrupt requests every tPI time, such that UIP = 1
always occurs between the periodic interrupts. The
interrupt handler has a minimum of
tPI/2+tBUC
time to access the clock bytes (see Figure 3).
Oscillator Control
When power is first applied to the bq3285E/L and VCC is
above VPFD, the internal oscillator and frequency divider
are turned on by writing a 010 pattern to bits 4 through 6
of register A. A pattern of 011 behaves as 010 but addition-
ally transforms register C into a read/write register. This
allows the 32.768kHz output on the square wave pin to be
turned on. A pattern of 11X turns the oscillator on, but
keeps the frequency divider disabled. Any other pattern to
these bits keeps the oscillator off.
7
Figure 3. Update-Ended/Periodic Interrupt Relationship
bq3285E/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com