Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1224MCSP Datasheet(PDF) 3 Page - Systemsensor advanced ideas.

Part # S1224MCSP
Description  Selectable Output Strobe and Horn Strobes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

S1224MCSP Datasheet(HTML) 3 Page - Systemsensor advanced ideas.

  S1224MCSP Datasheet HTML 1Page - Systemsensor advanced ideas. S1224MCSP Datasheet HTML 2Page - Systemsensor advanced ideas. S1224MCSP Datasheet HTML 3Page - Systemsensor advanced ideas. S1224MCSP Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Table 1-A: SpectrAlert Strobe UL Max. Current Draw
Candela
Setting
FWR Operating
Current–Strobe
(mA RMS)
DC Operating
Current–Strobe
(mA RMS)
8-17.5V
16-33V
8-17.5V
16-33V
15
112
64
127
59
15/75
135
74
127
69
30
93
90
75
158
160
110
208
209
Table 1-B: Horn UL Max. Current Draw Measurements (mA RMS)
Selectable Horn Tones
DC
FWR
8-17.5V
16-33V
8-17.5V
16-33V
Temporal
Low
Volume
Electromechanical
15
23
13
23
3000HzInterrupted
15
33
13
23
High
Volume
Electromechanical
36
53
20
44
3000HzInterrupted
43
57
21
40
Non-
Temporal
Low
Volume
Electromechanical
16
37
19
29
3000HzInterrupted
16
32
18
33
High
Volume
Electromechanical
38
49
46
49
3000HzInterrupted
44
56
42
58
Table 1-C: 12VDC Horn/Strobe UL Max. Current Draw
Measurements (mA RMS)
Temporal
Low Volume
High Volume
Candela
Setting
Electromechanical
3000 Hz
Electromechanical
3000 Hz
15
111
111
112
112
15/75
127
127
126
129
Non-Temporal
15
113
112
114
115
15/75
128
128
130
134
Table 1-D: 24VDC Horn/Strobe UL Max. Current Draw
Measurements (mA RMS)
Temporal
Low Volume
High Volume
Candela
Setting
Electromechanical
3000 Hz
Electromechanical
3000 Hz
15
71
70
73
75
15/75
86
85
87
88
30
99
98
100
100
75
166
166
167
170
110
209
209
210
213
Non-Temporal
15
74
74
79
82
15/75
86
88
93
96
30
101
101
107
110
75
167
167
173
176
110
213
213
218
222
Explanation of Published Voltage, Current, and SPL
Specifications
In May 2004 Underwriters Laboratories changed standard
UL 1971 to require that operating current measuremments
are made using RMS (root mean square) instead of peak
or average values. RMS measurements more accurately
predict the power consumption of a device since they take
into account the entire current draw profile including surge,
repetitive surge, and peak values. The published RMS cur-
rent is the maximum operating current of that device within
its operating voltage range. This current maximum may or
may not occur at the endpoints of the voltage range.
Similarly, UL tests the audibility of devices in accordance
with UL 464 by measuring them across the operating volt-
age range to determine the minimum sound pressure level
produced at any particular setting.
During May 2004, UL also changed the way they list the
voltage range of a device. All 12V products will be listed
between 8 – 17.5V and all 24V products will be listed
between 16 – 33V. Those devices are considered “regulat-
ed”. Any product that does not operate within these ranges
will be listed as a “special application” with its operating
voltage specified on the device.
Notes
1.Currentdrawforstrobe-onlyproductsisshowninTable1-A.
2.Currentdrawforhorn-onlyproductsisshowninTable1-B.
3.12VDC2-wirehorn/strobecurrentisshowninTable1-C.
4.24VDC2-wirehorn/strobecurrentdrawisshowninTable
1-D.
5.Currentdrawforotherhorn/strobepowersuppliescanbe
calculatedbyaddingthestrobecurrentinTable1-Atothe
horncurrentinTable1-Bfromthechosensettings.
Viewing Window
SpectrAlert Strobe Candela Selections
Forstrobecandelaselection,adjustslideswitchlocatedonthe
rearoftheproductwhilewatchingtheviewingwindowonthe
sideofthereflector.
Permissible Candela Settings
Candela
Setting
Operating Voltage
12V
24V
15
OK
OK
15/75
OK
OK
30
OK
75
OK
110
OK
A0133-00



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com