Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SENS-RDR Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # SENS-RDR
Description  Sensitivity Reader
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SENS-RDR Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  SENS-RDR Datasheet HTML 1Page - Systemsensor advanced ideas. SENS-RDR Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
©2006 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0322-006 • 8/06 • #1676
Ordering Information
Part No.
Description
SENS-RDR
Sensitivity reader for i3 series smoke detectors
Specifications
Architectural/Engineering Specifications
Sensitivity reader shall be a System Sensor model number SENS-RDR, listed with Underwriters Laboratories as a smoke detector accessory. The reader shall be
capable of reading the detector’s sensitivity without the need for a physical connection to the detector, and shall not require the use of a voltmeter or multi-
meter. The reader shall offer the capability of hand-held use or shall accept a threaded extension pole. The reader shall include an LCD screen which indicates a
detector’s sensitivity in terms of percent per foot obscuration and a textual status indication. The reader shall operate with two AA alkaline batteries and shall be
capable of indicating a low battery condition on the LCD screen.
Physical Specifications
Batteries
2 – AA alkaline batteries (not included)
Dimensions
Length: 71⁄8 inches (181 mm); Width: 13⁄8 inches (35 mm); Depth: 11⁄8 inches (29 mm)
Weight
8 oz. (225 grams)
LCD Status Indications
Status Indication
Action
GOOD
The detector is within its sensitivity range. No action is necessary at this time.
SERVICE
The smoke detector’s sensing chamber requires cleaning for continued reliable operation. Refer to the i3 Series manual for
proper maintenance procedures.
REPLACE
The smoke detector is failing and should be replaced immediately.
SENS-RDR Operation
1. Turn the reader on by pressing and holding the button for approximately 2 seconds until the reader sounds. The LCD will display the word“READY”. The“READY”
status indicates that the SENS-RDR is ready for accepting data from a compatible System Sensor smoke smoke detector.
2. Place the reader by the smoke detector being tested. Position the reader above the oval depression near the word“PAINT”(See Figure 1). Position the reader
below the detector at an angle (See Figure 2). A ledge and an anti-skid tip is provided on the reader to maintain the reader in place while it reads the
sensitivity.
3. Hold the reader in this position up to 10 seconds until the reader sounds and the reader’s red LED illuminates. (Note: If the reader does not sound after 10
seconds, verify that the reader is properly positioned, and the LCD displays“READY”.)
4. The LED and sounder indicate a valid reading is received. The reader will automatically display two results. The first is a percent per foot obscuration
measurement, which is displayed for approximately 3 seconds, followed by a textual status indication. The reader will continue to display both results for up to
30 minutes, or until the reader is reset.
5. To measure the sensitivity of the next detector, reset the reader by momentarily pressing the button. The LCD will again display the word“READY”. Repeat steps
2 through 4, as necessary.
6. When finished, turn off the reader by pressing and holding the button for approximately 2 seconds until the reader sounds.
OR
PUSH RECESSED
SWITCH WITH A
0.18″ MAX.
DIAMETER TOOL
LED
RECESSED TEST SWITCH
POSITION SENS-RDR
AT AN ANGLE ON THE
OVAL AREA OR AT THE
CHAMBER OPENING
BY THE WORD “PAINT”
Figure 1: Reader location a compatible System Sensor smoke detector
Figure 2: Position Reader on a compatible System Sensor smoke detector



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com