Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-6 Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # SC-6
Description  Multiple Input and Output Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SC-6 Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  SC-6 Datasheet HTML 1Page - Systemsensor advanced ideas. SC-6 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3825OhioAvenue•St.Charles,IL60174
Phone:800-SENSOR2•Fax:630-377-6495
©2008 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0344-003•1/09•#2088
supply to the NAC will not be allowed to close if a short circuit condition
currently exists on the NAC. In addition, an algorithm is incorporated to find a
short when the module is active. The module will close all circuits that are not
shorted to find the NAC with the problem.
SYNC-1 ACCESSORY CARD
The SYNC-1 is an optional accessory to the SC-6 and is designed to provide
ameansofsynchronizingaseriesofhorns,strobes,andhorn/strobes.The
SYNC-1 is able to synchronize the temporal-coded horns, the one second
flashtimingofthestrobe,andsilencingthehornsofthehorn/strobe
combination over a two-wire circuit while leaving the strobes active. Each
SYNC-1 accessory card has the capability of synchronizing six Class B circuits
or three Class A circuits.
CZ-6 SIX ZONE INTERFACE MODULE
The CZ-6 Six Zone Interface module provides an interface between the
intelligent alarm system and a two-wire conventional detection zone. A
common SLC input is used for all modules, and the initiating device circuits
share a common external supply. Otherwise, each module operates
independently from the others. The first module is addressed from 01 to 94
while the remaining modules are assigned to the next five higher addresses.
Provisions are included for disabling a maximum of two unused modules.
All two-wire detectors being monitored must be two-wire compatibility
listed with the modules. The CZ-6 transmits the status of a zone of two-wire
detectors to the fire alarm control panel. Status conditions are reported as
normal, open or alarm. The interface module supervises the zone of detectors
and the connection of the external power supply.
IM-10 TEN INPUT MONITOR MODULE
The IM-10 Ten Input Monitor module provides an interface between a
control panel and normally open contact devices such as pull stations,
security contacts, or flow switches. The first address is set from 01 to 90 and
the remaining modules are automatically assigned to the next nine higher
addresses. Provisions are included for disabling a maximum of two unused
addresses. The supervised state (normal, open or short) of the monitored
device is sent back to the panel.
continued
500 Series Module Specifications
General Specifications
Operating Voltage
15 to 32 VDC
Maximum SLC Wiring Resistance 40 Ohms
Temperature Range
32°F to 120°F (0° to 49°C)
Relative Humidity
10% to 85% noncondensing
Wire Gauge
12 to 18 AWG
Dimensions
6.8˝H × 5.8˝W × 1.25˝D
Specifications: CR-6
Standby Current
1.45 mA maximum
Alarm Current
32 mA maximum (assumes all six relays
have been switched once and all six
LEDs solid on)
Maximum IDC Wiring Resistance 40 Ohms
Relay Current
30mA/RelayPulse(15.6mSpulse
duration) pulse under panel control
Relay Contact Ratings
30VDC;70.7VAC
Specifications: CZ-6
Standby Current
2 mA maximum
Alarm Current
40 mA maximum (assumes all six LEDs
solid on)
Maximum IDC Wiring Resistance 25 Ohms
External Supply Voltage
DC Voltage: 18 to 28 volts power
limited
Ripple Voltage: 0.1 volts RMS maximum
Current: 90 mA per circuit
Compatible Detectors
Contact System Sensor for a current list
Specifications: SC-6
Standby Current
2.25 mA maximum
Alarm Current
35 mA maximum (assumes all six relays
have been switched once and all six
LEDs solid on)
Maximum NAC Circuit Wiring
Resistance
40 Ohms
Power Rating Per Circuit
63W@70.7VAC
Relay Contact Ratings
30 VDC; 110 VAC
Specifications: IM-10
Standby Current
3.5 mA maximum
Alarm Current
60 mA maximum (assumes all ten LEDs
solid on)
Maximum IDC Wiring Resistance 40 Ohms
Maximum IDC Voltage
12 VDC
Maximum IDC Current
1 mA
Specifications: SYNC-1
Operating Voltage
11 to 30 VDC
Maximum Load on a Loop
ClassA/StyleZ:3A
ClassA/StyleY:3Aperpair
Standby Current
+0 Position: 15 mA
+2 or +4 Position if connected to
supply: 2.5 mA
Specifications: BB-2 Enclosure
Dimensions
12˝H×9˝W×3.67˝D
Specifications: BB-6 Enclosure
Dimensions
24˝H×12.55˝W×6.47˝D
Accessories
SYNC-1 Accessory Card
BB-6 Enclosure with CH-6 Chassis



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com