Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3537 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3537
Description  2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3537 Datasheet(HTML) 2 Page - Linear Technology

  LTC3537 Datasheet HTML 1Page - Linear Technology LTC3537 Datasheet HTML 2Page - Linear Technology LTC3537 Datasheet HTML 3Page - Linear Technology LTC3537 Datasheet HTML 4Page - Linear Technology LTC3537 Datasheet HTML 5Page - Linear Technology LTC3537 Datasheet HTML 6Page - Linear Technology LTC3537 Datasheet HTML 7Page - Linear Technology LTC3537 Datasheet HTML 8Page - Linear Technology LTC3537 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3537
2
3537fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VINB and VINL Voltage................................... –0.3V to 6V
SW DC Voltage............................................. –0.3V to 6V
SW Pulsed (<100ns) Voltage ....................... –0.3V to 7V
FBB, FBL, PGDB, PGDL Voltage ................... –0.3V to 6V
MODE, ENBST, ENLDO Voltage ................... –0.3V to 6V
LBI and LBO Voltage .................................... –0.3V to 6V
VOUTB, VOLDO ............................................... –0.3V to 6V
Operating Temperature (Notes 2, 5)......... –40°C to 85°C
Junction Temperature ........................................... 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm
3mm) PLASTIC QFN
9
17
10
11
12
4
3
2
1
MODE
LBI
SGND
VINB
VINL
VOLDO
FBL
FBB
TJMAX = 125°C, θJA = 68°C/W (Note 6)
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3537EUD#PBF
LTC3537EUD#TRPBF
LDBD
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VINB = 1.2V, VOUTB = 3.3V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Boost Converter
VINMIN
Minimum Start-Up Voltage
ILOAD = 1mA
0.68
0.8
V
VOUTB
Output Voltage Range
l
1.5
5.25
V
VFBB
Feedback Voltage
l
1.179
1.21
1.240
V
IFBB
Feedback Input Current
150
nA
IQSHDN
Quiescent Current - Shutdown
VENBST = VENLDO = 0V, Not Including SW Leakage,
VOUTB = 0V
0.02
1
μA
IQACTIVE
Quiescent Current - Active
Measured on VOUTB, Nonswitching, MODE = 1.2V,
VENLDO = 0V
300
500
μA
IQBURST
Quiescent Current - Burst
Measured on VOUTB, FBB >1.24V, MODE = 1.2V,
VENLDO = 0V
15
μA
INLEAK
NMOS Switch Leakage Current VSW = 5V
0.1
5
μA
IPLEAK
PMOS Switch Leakage Current
VSW = 5V, VOUTB = 0V
0.1
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com