Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3541 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3541
Description  High Efficiency Buck VLDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3541 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3541 Datasheet HTML 9Page - Linear Technology LTC3541 Datasheet HTML 10Page - Linear Technology LTC3541 Datasheet HTML 11Page - Linear Technology LTC3541 Datasheet HTML 12Page - Linear Technology LTC3541 Datasheet HTML 13Page - Linear Technology LTC3541 Datasheet HTML 14Page - Linear Technology LTC3541 Datasheet HTML 15Page - Linear Technology LTC3541 Datasheet HTML 16Page - Linear Technology LTC3541 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3541

3541fa
APPLICATIO S I FOR ATIO
resistanceofCOUT.ΔILOADalsobeginstochargeordis-
chargeCOUT,whichgeneratesafeedbackerrorsignal.The
regulatorloopthenactstoreturnVOUTtoitssteady-state
value.DuringthisrecoverytimeVOUTcanbemonitored
forovershootorringingthatwouldindicateastability
problem.Foradetailedexplanationofswitchingcontrol
looptheoryseeApplicationNote76.
Asecond,moreseveretransientiscausedbyswitching
inloadswithlarge(>1
µF)supplybypasscapacitors.The
dischargedbypasscapacitorsareeffectivelyputinparal-
lelwithCOUT,causingarapiddropinVOUT.Noregulator
candeliverenoughcurrenttopreventthisproblemifthe
loadswitchresistanceislowanditisdrivenquickly.The
onlysolutionistolimittherisetimeoftheswitchdrive
so that the load rise time is limited to approximately
(25•CLOAD).Thus,a10µFcapacitorchargingto3.3V
wouldrequirea250
µsrisetime,limitingthecharging
currenttoabout130mA.
VLDO/LINEAR REGULATOR
Adjustable Output Voltage
TheLTC3541LVOUToutputvoltageissetbytheratiooftwo
externalresistorsasshowninFigure7.Thedeviceservos
LVOUTtomaintaintheLFBpinvoltageat0.4V(referenced
toground).Thus,thecurrentinR1isequalto0.4V/R1.
Forgoodtransientresponse,stability,andaccuracy,the
currentinR1shouldbeatleast2
µA,thusthevalueof
R1shouldbenogreaterthan200k.ThecurrentinR2is
thecurrentinR1plustheLFBpinbiascurrent.Sincethe
LFBpinbiascurrentistypically<10nA,itcanbeignored
intheoutputvoltagecalculation.Theoutputvoltagecan
becalculatedusingtheformulainFigure8.Notethatin
shutdowntheoutputisturnedoffandthedividercurrent
willbezeroonceCOUTisdischarged.
TheLTC3541VLDOandlinearregulatorloopsoperate
atarelativelyhighgainof–3.5
µV/mAand–3.4µV/mA
respectively,referredtotheLFBinput.Thus,aloadcur-
rentchangeof1mAto300mAproducesa1.05mVdrop
attheLFBinputfortheVLDOandaloadcurrentchange
of1mAto30mAproducesa0.1mVdropattheLFBinput
forthelinearregulator.Tocalculatethechangereferred
totheoutputsimplymultiplybythegainofthefeedback
network(i.e.,1+R2/R1).Forexample,toprogramthe
outputfor1.2VchooseR2/R1=2.Inthisexample,an
outputcurrentchangeof1mAto300mAproduces1.05mV
•(1+2)=3.15mVdropattheoutput.
SincetheLFBpinisrelativelyhighimpedance(depending
ontheresistordividerused),straycapacitanceatthispin
shouldbeminimized(<10pF)topreventphaseshiftinthe
erroramplifierloop.Additionally,specialattentionshould
begiventoanystraycapacitancesthatcancoupleexternal
signalsontotheLFBpinproducingundesirableoutput
ripple.ForoptimumperformanceconnecttheLFBpinto
R1andR2withashortPCBtraceandminimizeallother
straycapacitancetotheLFBpin.
Output Capacitance and Transient Response
TheLTC3541isdesignedtobestablewithawiderangeof
ceramicoutputcapacitors.TheESRoftheoutputcapaci-
toraffectsstability,mostnotablywithsmallcapacitors.
A minimum output capacitor of 2.2
µF with an ESR of
0.05
Ωorlessisrecommendedtoensurestability.The
LTC3541VLDOisamicropowerdeviceandoutputtran-
sientresponsewillbeafunctionofoutputcapacitance.
Largervaluesofoutputcapacitancedecreasethepeak
deviationsandprovideimprovedtransientresponsefor
largerloadcurrentchanges.Notethatbypasscapacitors
usedtodecoupleindividualcomponentspoweredbythe
LTC3541willincreasetheeffectiveoutputcapacitorvalue.
HighESRtantalumandelectrolyticcapacitorsmaybeused,
butalowESRceramiccapacitormustbeinparallelatthe
output.ThereisnominimumESRormaximumcapacitor
sizerequirement.
Figure 7. Programming the LTC3541
( )
LVOUT
R1
R2
LTc3541
3541 F07
cOUT
R2
R1
VOUT = 0.4V 1 +
LFB
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com