Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4001-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4001-1
Description  2A Synchronous Buck Li-Ion Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4001-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4001-1 Datasheet HTML 1Page - Linear Technology LTC4001-1 Datasheet HTML 2Page - Linear Technology LTC4001-1 Datasheet HTML 3Page - Linear Technology LTC4001-1 Datasheet HTML 4Page - Linear Technology LTC4001-1 Datasheet HTML 5Page - Linear Technology LTC4001-1 Datasheet HTML 6Page - Linear Technology LTC4001-1 Datasheet HTML 7Page - Linear Technology LTC4001-1 Datasheet HTML 8Page - Linear Technology LTC4001-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4001-1
2
40011fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
PVIN, VINSENSE
t < 1ms, DC < 1% .................................... –0.3V to 7V
Steady State............................................. –0.3V to 6V
SW, SENSE, BAT, BATSENS, SS, FAULT, CHRG, EN, NTC,
PROG, IDET, TIMER Voltage........................ – 0.3V to 6V
Operating Temperature Range (Note 3) .. –40°C to 85°C
Operating Junction Temperature
(Note 5) ................................................ –40°C to 125°C
Storage Temperature Range.................. –65°C to 125°C
(Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
17
UF PACKAGE
16-LEAD (4mm × 4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
BAT
SENSE
PGND
GNDSENS
PROG
NTC
FAULT
VINSENSE
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4001EUF-1#PBF
LTC4001EUF-1#TRPBF
40011
16-Lead (4mm × 4mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VEN = 0V, RPROG = 549Ω, RIDET = 549Ω, unless otherwise
specified.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Supply Voltage
(Note 2)
4
5.5
V
IIN
PVIN Connected to VINSENSE, PROG and IDET
Pins Open, Charger On
2mA
Shutdown, EN = VIN
50
μA
VFLOAT
VBAT Regulated Float Voltage
Measured from BATSENS to GNDSENS
●
4.059
4.079
4.1
4.1
4.141
4.121
V
V
IBAT
Current Mode Charge Current
RPROG = 549Ω, VBAT = 3.5V
RPROG = 1.10k, VBAT = 3.5V
Shutdown, EN = VIN
1.8
0.9
2
1
2.2
1.1
±5
A
A
μA
ITRIKL
Trickle Charge Current
VBAT = 2V
35
50
65
mA
VTRIKL
Trickle Charge Threshold
VBAT Rising
VBAT Falling
3.05
2.85
3.1
3.0
3.20
3.05
V
V
VUVL
VIN Undervoltage Lockout Voltage VIN Rising, Measured from VINSENSE to GNDSENS
2.7
2.82
V
ΔVUVL
VIN Undervoltage Lockout
Hysteresis
Measured from VINSENSE to GNDSENS
100
mV
VASD
Automatic Shutdown Threshold
Voltage
VINSENSE – VBATSENS Rising (Turn-On), VBATSENSE = 4V
VINSENSE – VBATSENS Falling (Turn-Off), VBATSENSE = 4V
200
15
250
30
300
60
mV
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com