Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5BAF-LPBU4-FC Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # 5BAF-LPBU4-FC
Description  Differential Fixed Frequency Filters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

5BAF-LPBU4-FC Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  5BAF-LPBU4-FC Datasheet HTML 1Page - Frequency Devices, Inc. 5BAF-LPBU4-FC Datasheet HTML 2Page - Frequency Devices, Inc. 5BAF-LPBU4-FC Datasheet HTML 3Page - Frequency Devices, Inc. 5BAF-LPBU4-FC Datasheet HTML 4Page - Frequency Devices, Inc. 5BAF-LPBU4-FC Datasheet HTML 5Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1784 Chessie
Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
Applications
• Vibration analysis
• Industrial and process control
• Noise reduction
• Signal reduction
• Test systems
Features/Benefits:
• The 10 volt input range with overall gain of 1
provides an excellent match to both the transducer
output and the data acquisition board input.
• 5BAF modules allow for partitioning between
system segments providing a means to minimize
ground loops.
• 5B plug-in compatible provides quick and easy
insertion.
• Factory tuned, no external clocks or adjustments
needed.
• Broad range of corner or center frequencies to
meet a wide range of applications.
Description
The 5BAF Series are differential-input low-pass and
high-pass filters that are pin-out and package
compatible with industry-standard 5B Series signal
conditioning modules.
Each filter comes factory
tuned to a user specified corner or center frequency
from 1 Hz to 100 kHz. These filters are ideally suited
to sharply limit A/D converter bandwidth to eliminate
unwanted signals and noise.
To serve real-world applications, all 5BAF Series
filters are configured with a differential input having a
common mode rejection ratio of <-70 dB (min.) at 1
kHz. A self contained dc-to-dc converter enables the
5BAF filters to operate from a non-critical +5, ±10%
volt power source, key in many systems since +5V
logic power is readily available.
Lowpass & Highpass
5BAF Series
Differential Fixed
Frequency Filters
1
Available Low-Pass Models: . . . . . . . . . . . . . .Page
5BAF-LPBE8
8-Pole Bessel . . . . . . . . . . . . . . .2
5BAF-LPBU8
8-Pole Butterworth . . . . . . . . . . . .2
5BAF-LPBE6
6-Pole Bessel . . . . . . . . . . . . . . .2
5BAF-LPBU6
6-Pole Butterworth . . . . . . . . . . . .2
5BAF-LPBE4
4-Pole Bessel . . . . . . . . . . . . . . .3
5BAF-LPBU4
4-Pole Butterworth . . . . . . . . . . . .3
Available High-Pass Models:
5BAF-HPBU8
8-Pole Butterworth . . . . . . . . . . . .4
5BAF-HPBU6
6-Pole Butterworth . . . . . . . . . . . .4
5BAF-HPBU4
4-Pole Butterworth . . . . . . . . . . . .4
General Specifications:
Pin-Out/Package Data/Order Information . . . . . .5
Note: Contact factory for lower frequency, noise or
distortion options.


Similar Part No. - 5BAF-LPBU4-FC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5BAF-LPBU4 ETC1-5BAF-LPBU4 Datasheet
513Kb / 5P
Differential Fixed Frequency Filters
More results

Similar Description - 5BAF-LPBU4-FC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5BAF ETC1-5BAF Datasheet
513Kb / 5P
Differential Fixed Frequency Filters
logo
Frequency Devices, Inc.
D64BP FREQUENCYDEVICES-D64BP Datasheet
300Kb / 5P
Fixed Frequency 2-Pole Pair Filters
D68BP4 FREQUENCYDEVICES-D68BP4 Datasheet
572Kb / 6P
Fixed Frequency 4-Pole Pair Filters
PGAB5 FREQUENCYDEVICES-PGAB5 Datasheet
678Kb / 8P
Fixed Frequency Filters with Programmable Amplifiers
VM32PAFF FREQUENCYDEVICES-VM32PAFF Datasheet
263Kb / 2P
Programmable Amplifiers with Fixed Frequency Filters VME Board
VM300PAFF FREQUENCYDEVICES-VM300PAFF Datasheet
259Kb / 2P
Programmable Amplifiers with Fixed Frequency Filters VME Board
logo
Z-Communications, Inc
SFS1200C-LF ZCOMM-SFS1200C-LF Datasheet
76Kb / 2P
Fixed Frequency Synthesizer
SFS2476A-LF ZCOMM-SFS2476A-LF Datasheet
77Kb / 2P
Fixed Frequency Synthesizer
SFS5280A-LF ZCOMM-SFS5280A-LF Datasheet
77Kb / 2P
Fixed Frequency Synthesizer
logo
Frequency Devices, Inc.
D824 FREQUENCYDEVICES-D824 Datasheet
544Kb / 13P
Differential Input 4-Pole Filters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com