Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5738 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N5738
Description  isc Silicon PNP Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N5738 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N5738 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N5738 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
2
isc Silicon PNP Power Transistors
2N5738
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= -200mA ; IB= 0
-100
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -5A; IB= -0.5A
-0.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -10A; IB= -2.5A
-3.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -5A; IB= -0.5A
-1.2
V
VBE(on)
Base-Emitter On Voltage
IC= -4A; VCE= -4V
-1.5
V
ICEO
Collector Cutoff Current
VCE= -100V; IB= 0
-0.5
mA
ICBO
Collector Cutoff Current
VCB= -100V; IE= 0
-0.1
mA
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-0.1
mA
hFE-1
DC Current Gain
IC= -5A; VCE= -5V
20
80
hFE-2
DC Current Gain
IC= -10A; VCE= -5V
4
fT
Current-Gain
—Bandwidth Product
IC= -0.5A; VCE= -10V
10
MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com