Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

828BP Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # 828BP
Description  8 Bit Programmable 4-Pole Pair Filters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

828BP Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  828BP Datasheet HTML 1Page - Frequency Devices, Inc. 828BP Datasheet HTML 2Page - Frequency Devices, Inc. 828BP Datasheet HTML 3Page - Frequency Devices, Inc. 828BP Datasheet HTML 4Page - Frequency Devices, Inc. 828BP Datasheet HTML 5Page - Frequency Devices, Inc. 828BP Datasheet HTML 6Page - Frequency Devices, Inc. 828BP Datasheet HTML 7Page - Frequency Devices, Inc. 828BP Datasheet HTML 8Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
Applications
• Power line interference rejection
• Transducer output filtering
• Production test instrumentation
• Medical electronics equipment and research
• Comb filtering and equalization
• Noise and harmonic analysis
• RMS measurements
• Frequency spectrum analysis
Features/Benefits:
• Compact 2.0"L x 2.0"W footprint minimizes board
space requirements.
• Plug-in ready-to-use, reducing engineering design
and manufacturing cycle time.
• Factory tuned, no external clocks or adjustments
needed.
• Broad range of center frequencies to meet a wide
range of applications.
Description:
The 828BP and 828BR Series are 4-pole-pair
digitally programmable band-pass and band-reject
(notch) active filters.
These new filters take
advantage of the company’s proprietary designs
using surface-mount technology to provide a low
profile, compact package in minimal board space.
828BP and 828BR filters are factory tuned to one of
three factory set tuning ranges or 8-bit custom
ranges from 1 Hz to 25.6 kHz.
Each filter type
features
a
near
theoretical
amplitude/phase
response along with low output voltage noise
enabling these filters to achieve a 10,000:1 or better
dynamic signal range
Pretuned to within ±2% of the center frequency,
band-pass 828BP filters pass all frequencies lying
between the upper and lower -3 dB points of the
amplitude response curve, while 828BR band-reject
(notch) filters sharply attenuate those frequencies
that are bound and defined by the bottom of the
notch. Available Q’s for 828BP models are 1, 2, 5, or
10 and 828BR filters are 3 or 10.
Band Pass and Band Reject
828BP & 828BR Series
8 Bit Programmable
4-Pole Pair Filters
1
Programmable Specifications: . . . . . . . . . . . .Page
Digital Tuning & Control . . . . . . . . . . . . . . . . . . . . .2
Available Band-Pass Models:
828BP4
4 pole pair
. . . . . . . . . . . . . . . . . . .3
Available Band-Reject Models:
828BR4
4-pole pair
. . . . . . . . . . . . . . . . . . .3
General Specifications:
Ordering Information . . . . . . . . . . . . . . . . . . . . . . .4
Pin-Out/package data . . . . . . . . . . . . . . . . . . . . . .4


Similar Part No. - 828BP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
828BP ETC1-828BP Datasheet
527Kb / 8P
8 Bit Programmable 4-Pole Pair Filters
logo
Frequency Devices, Inc.
828BP FREQUENCYDEVICES-828BP Datasheet
544Kb / 13P
Differential Input 4-Pole Filters
logo
List of Unclassifed Man...
828BP4 ETC1-828BP4 Datasheet
527Kb / 8P
8 Bit Programmable 4-Pole Pair Filters
828BP4/1-2 ETC1-828BP4/1-2 Datasheet
527Kb / 8P
8 Bit Programmable 4-Pole Pair Filters
828BP4/1-3 ETC1-828BP4/1-3 Datasheet
527Kb / 8P
8 Bit Programmable 4-Pole Pair Filters
More results

Similar Description - 828BP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
818L8B ETC1-818L8B Datasheet
625Kb / 13P
2 X 4 8-Pole Filters
824BP2 ETC1-824BP2 Datasheet
446Kb / 7P
8 Bit Programmable 2-Pole Pair Filters
828BP ETC1-828BP Datasheet
527Kb / 8P
8 Bit Programmable 4-Pole Pair Filters
858L8B ETC1-858L8B Datasheet
540Kb / 19P
2 X 4 8-Pole Filters
logo
Frequency Devices, Inc.
818L8B-1 FREQUENCYDEVICES-818L8B-1 Datasheet
706Kb / 14P
2" x 4" 8-Pole Filters
824BP FREQUENCYDEVICES-824BP Datasheet
444Kb / 7P
8 Bit Programmable 2-Pole Pair Filters
858L8B-1 FREQUENCYDEVICES-858L8B-1 Datasheet
519Kb / 19P
2" x 4" 8-Pole Filters
D68BP4 FREQUENCYDEVICES-D68BP4 Datasheet
572Kb / 6P
Fixed Frequency 4-Pole Pair Filters
D70L8B FREQUENCYDEVICES-D70L8B Datasheet
672Kb / 14P
DIP Filters 8-, 6-, 4-Pole Filters
D100L FREQUENCYDEVICES-D100L Datasheet
363Kb / 7P
4- and 8- Pole Low-Pass Filters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com