Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI32FF Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # CPCI32FF
Description  32 Channel Filter Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

CPCI32FF Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  CPCI32FF Datasheet HTML 1Page - Frequency Devices, Inc. CPCI32FF Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model CPCI32FF
Specification
(25oC and Vs+15 Vdc)
32 Channel Filter Board
2
25 Locust St., Haverhill, Massachusetts 01830
• Tel: 800/252-7074, 978/374-0761 • FAX:978/521-1839
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Analog Input
1. Impedance
1 G
Ω / 47pF
2. Input Range
±10V pk. linear
3. Maximum Input
±40V
4. Common Mode Rejection
75 dB min. @ 60 Hz.
Analog Output (each leg)
5. Impedance
1.0
Ω typ., 10 Ω max.
6. Linear Operating Range
±10V pk.
7. Channel to Channel Crosstalk
<-80 dB max. @ 10 kHz
8. Maximum Current
±5mA
9. Offset Voltage
±5mV max.
10. Offset Temp. Coeff.
20
µV/°C
11. Short Circuit Protection
Short to Ground
12. Peak Distortion @ 1 kHz, 3.54 Vrms
-80 dBc max.
Filter Characteristics
13. Fixed Cut-off Frequency fc (-3dB)
1.00 Hz to 100 kHz
See D72 or D74 Series specifications
Gain
14. Nominal Gain
1X, 10X, 100X, 1000X – Factory set
15. Accuracy
±1%
Power Supply
16. From CPCI Backplane
+12 V and -12 V,
± 5%, 1.0 A max. each
17. Isolation (default)
Analog ground isolated from back plane and chassis.
Connection to ground/backplane common by jumper.
Environmental
18. Operating
0°C to +70°C
19. Storage
-25°C to +85°C
20. Humidity
0-95% non-condensing
Mechanical
21. Card Size
CPCI 6U single slot 9.17 x 6.3 inches, (233 x160 mm)
22. No. of Input Channels
32 Single or differential, DC coupled
23. No. of Output Channels
32 Single or differential, DC coupled
24. Mating Connectors
Input: Female high-density 78-pin D-sub
Output: Male high-density 78-pin D-sub
25. Weight
~2 lbs., (0.91 kg.)
Ordering Information
Gain Options
1X, 10X, 100X, 1000X
CPCI32FF-S32D-10X
Input
Output
S – Single Ended
S – Single Ended
D – Differential
D – Differential
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale, which apply, to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use, which would infringe any patent or copyright.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com