Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D01L8B Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # D01L8B
Description  32-Pin DIP 8-, 6-, 4-Pole Filters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D01L8B Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  D01L8B Datasheet HTML 1Page - Frequency Devices, Inc. D01L8B Datasheet HTML 2Page - Frequency Devices, Inc. D01L8B Datasheet HTML 3Page - Frequency Devices, Inc. D01L8B Datasheet HTML 4Page - Frequency Devices, Inc. D01L8B Datasheet HTML 5Page - Frequency Devices, Inc. D01L8B Datasheet HTML 6Page - Frequency Devices, Inc. D01L8B Datasheet HTML 7Page - Frequency Devices, Inc. D01L8B Datasheet HTML 8Page - Frequency Devices, Inc. D01L8B Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Fixed Frequency
D01 Series
8-, 6-, 4-Pole
Low-Pass Filters
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
Model
D01L8B
D01L6B
D01L4B
Product Specifications
Transfer Function
8-Pole, Butterworth
6-Pole, Butterworth
4-Pole, Butterworth
Size
1.80” x 0.80” x 0.30”
1.80” x 0.80” x 0.30”
1.80” x 0.80” x 0.30”
Range fc
100 Hz to 1 MHz
100 Hz to 1 MHz
100 Hz to 1 MHz
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Characteristics
Page 9
Page 8
Page 7
Passband Ripple
0.0 dB
0.0 dB
0.0 dB
(theoretical)
DC Voltage Gain
0 ± 0.1 dB max.
0 ± 0.1 dB max.
0 ± 0.1 dB max.
(non-inverting)
0 ± 0.02 dB typ.
0 ± 0.02 dB typ.
0 ± 0.2 dB typ.
Stopband
Attenuation Rate
48 dB/octave
36 dB/octave
24 dB/octave
Cutoff Frequency
fc
± 5% max.
fc
± 5% max.
fc
± 5% max.
Stability
± 0.02%/°C
± 0.02%/°C
± 0.02%/°C
Amplitude
-3 dB
-3 dB
-3 dB
Phase
-360°
-270°
-180°
Filter Attenuation
0.12 dB
0.80 fc
0.12 dB
0.80 fc
0.12 dB
0.80 fc
(theoretical)
3.01 dB
1.00 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
60.0 dB
2.37 fc
60.0 dB
3.16 fc
60.0 dB
5.62 fc
80.0 dB
3.16 fc
80.0 dB
4.64 fc
80.0 dB
10.0 fc
Phase Match1
Amplitude Accuracy1
Total Harmonic
1 kHz
< -80 dB typ.
1 kHz
< -80 dB typ.
1 kHz
< -80 dB typ.
Distortion @ 2.5 VRMS
100 kHz
< -65 dB typ.
100 kHz
< -65 dB typ.
100 kHz
< -65 dB typ.
Wide Band Noise
250
mVrms typ.
160
mVrms typ.
70
mVrms typ.
(20 Hz - 4 MHz)
Narrow Band Noise
30
mVrms typ.
20
mVrms typ.
20
mVrms typ.
(20 Hz - 100 kHz)
Filter Mounting
Assembly
NA
NA
NA
1. Phase Match and Amplitude Accuracy in the pass band are within ± 5% max. of the theoretical transfer characteristics.
NA - Not available



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com