Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D01L6B Datasheet(PDF) 4 Page - Frequency Devices, Inc.

Part # D01L6B
Description  32-Pin DIP 8-, 6-, 4-Pole Filters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D01L6B Datasheet(HTML) 4 Page - Frequency Devices, Inc.

  D01L6B Datasheet HTML 1Page - Frequency Devices, Inc. D01L6B Datasheet HTML 2Page - Frequency Devices, Inc. D01L6B Datasheet HTML 3Page - Frequency Devices, Inc. D01L6B Datasheet HTML 4Page - Frequency Devices, Inc. D01L6B Datasheet HTML 5Page - Frequency Devices, Inc. D01L6B Datasheet HTML 6Page - Frequency Devices, Inc. D01L6B Datasheet HTML 7Page - Frequency Devices, Inc. D01L6B Datasheet HTML 8Page - Frequency Devices, Inc. D01L6B Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Specification
(25°C and Vs ± 5 Vdc)
D01 Series
Pin-Out and Package Data
Ordering Information
We hope the information given here will be helpful.The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright.
IN-00D01-04
DC Offset Adjustment
± Vs
- Vs
20 k W
(Cer met)
Do not connect
if trim is not
required.
OS
Analog Input Characteristics 1
Impedance
250 k W min.
Voltage Range
± 3.5 Vpeak
Max. Safe V oltage
±Vs
Analog Output Characteristics
Impedance (Closed Loop)
<1 W typ.
Linear Operating Range
±5V
Maximum Current 2
±30 mA
Offset V oltage3
±10 mV max.
Offset T emp. Coef f.
50 mV/°C
Power Supply (
±V)
Rated V oltage
±7.5 Vdc
Operating Range
±2.5 to ±7.5 Vdc
Maximum Safe V oltage
±7.5 Vdc
Quiescent Current
8-Pole
±30 mA max.
6-Pole
±23 mA max.
4-Pole
±15 mA max.
Temperature
Operating
-20 to +70°C
Storage
-25 to +85°C
Notes:
1. Input and output signal voltage referenced to supply common.
2. Output is short circuit protected to common.
DO NOT CONNECT TO ±Vs.
3. Adjustable to zero.
4. Units operate with or without of fset pin connected.
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
5. How to Specify Corner Frequencies: Corner frequencies are
specified by attaching a three digit frequency designator to the
basic model number . Corner frequencies can range from
100Hz to 1 MHz.
4
Ordering Information
D01L8B-976 kHz
- 3 dB Corner Frequency
5
e.g., 310 kHz
780 kHz
1 MHz
Transfer Function
B - Butterworth
L - Bessel
No. of Poles
4
6
8
Side
Front
Bottom View
0.025" (dia)
1.80"(max)
0.80"(max)
0.14" (min)
0.30"(max)
0.80"
0.70"
0.10"
0.00"
-Vs
OS
RTN
+Vs
All dimensions are in inches
All case dimensions ± 0.015 min"
0.10"(typ)
IN
RTN
GND
OUT
D01 package OUTLINE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com