Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D01-EVR Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # D01-EVR
Description  32-Pin DIP 8-Pole Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D01-EVR Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  D01-EVR Datasheet HTML 1Page - Frequency Devices, Inc. D01-EVR Datasheet HTML 2Page - Frequency Devices, Inc. D01-EVR Datasheet HTML 3Page - Frequency Devices, Inc. D01-EVR Datasheet HTML 4Page - Frequency Devices, Inc. D01-EVR Datasheet HTML 5Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
F ixed F requency
D01-E V R S eries
8-P ole
Low-P ass F ilters
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: s ales @ freqdev.com • Web A ddres s : http: //www..freqdev.com
2
Model
D01L8B-EVR
Product Specifications
Transfer Function
8-Pole, Butterworth
Size
1.80" x 0.80" x 0.30"
Range fc
25 Hz to 1 MHz
Theoretical Transfer
Appendix A
Characteristics
Page 9
Passband Ripple
0.0 dB
(theoretical)
DC Voltage Gain
0 ± 0.1 dB max.
(non-inverting)
0 ± 0.02 dB typ.
Stopband
Attenuation Rate
48 dB/octave
Cutoff Frequency
fc
± 5% max.
Stability
± 0.02%/° C
Amplitude
-3 dB
Phase
-360°
Filter Attenuation
0.12 dB
0.80 fc
(theoretical)
3.01 dB
1.00 fc
60.0 dB
2.37 fc
80.0 dB
3.16 fc
Phase Match1
Amplitude Accuracy1
Total Harmonic
1 kHz
< -80 dB typ.
Distortion 2.5 VRMS
100 kHz
< -65 dB typ.
Wide Band Noise
250 mVrms typ.
(20 Hz - 4 MHz)
Narrow Band Noise
30 mVrms typ.
(20 Hz - 100 kHz)
Filter Mounting
Assembly
NA
1. Phase Match and Amplitude Accuracy in the pass band are within ± 5% max. of the theoretical transfer characteristics.
NA - Not available
D01L8L-EVR
Appendix A
Page 4
8-Pole, Bessel
1.80" x 0.80" x 0.30"
25 Hz to 1 MHz
0.0 dB
0 ± 0.1 dB max.
0 ± 0.02 dB typ.
48 dB/octave
fc
± 5% max.
± 0.02%/° C
-3 dB
-182°
1.91 dB
0.80 fc
3.01 dB
1.00 fc
60.0 dB
4.52 fc
80.0 dB
6.07 fc
1 kHz
< -80 dB typ.
100 kHz
< -65 dB typ.
250 mVrms typ.
30 mVrms typ.
NA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com