Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D51 Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # D51
Description  Telephone Message & Circuit Noise Measurement
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D51 Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  D51 Datasheet HTML 1Page - Frequency Devices, Inc. D51 Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D51 Series
Pin-Out and Package Data
Ordering Information
Specifications
(25°C and Vs ± 15 Vdc)
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright.
PR-00D51-02
2
Analog Input Characteristics
Impedance
10 k
W min.
Source Impedance
1
600
W max.
Bias Current
2
0
Voltage Range
± 10 V peak
Maximum Safe Voltage
± Vs
Analog Output Characteristics
Impedance (Closed Loop)
< 1
W typ.
10
W max.
Linear Operating Range
± 10 V
Maximum Current
3
±2 mA
Offset Voltage
± 5 mV
Offset Temp. Coeff.
50
mV / °C
Noise
4
50
mVRMS
Gain (non-inverting)
0 ± 0.1 dB @ 1 kHz
Power Supply (±Vs)
Rated Voltage
± 15 Vdc
Operating Range
± 5 to ± 18 Vdc
Maximum Safe Voltage
± 18 Vdc
Quiescent Current
± 1.5 mA typ.
± 2.0 mA max.
Temperature
Operating
0 to + 70 °C
Storage
- 25 to + 85 °C
Notes:
1. Maximum allowable series input resistance if gain
accuracy's are to be maintained.
2. Capacitor coupled.
3. Output is short circuit protected to common.
DO NOT CONNECT TO ±Vs.
4. DC to 50 kHz excluding DC offset with input grounded.
Bottom View
+VS
OUT
-VS
IN
GND
0.80
0.70
0.10
0.00
All dimensions are in inches
All case dimensions ± 0.01"
Side View
0.80
0.025 dia.
0.15 (min)
Front View
0.30
1.80



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com