Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP64H4Y2 Datasheet(PDF) 4 Page - Frequency Devices, Inc.

Part # DP64H4Y2
Description  32-Pin DIP 4 - Pole Filters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

DP64H4Y2 Datasheet(HTML) 4 Page - Frequency Devices, Inc.

  DP64H4Y2 Datasheet HTML 1Page - Frequency Devices, Inc. DP64H4Y2 Datasheet HTML 2Page - Frequency Devices, Inc. DP64H4Y2 Datasheet HTML 3Page - Frequency Devices, Inc. DP64H4Y2 Datasheet HTML 4Page - Frequency Devices, Inc. DP64H4Y2 Datasheet HTML 5Page - Frequency Devices, Inc. DP64H4Y2 Datasheet HTML 6Page - Frequency Devices, Inc. DP64H4Y2 Datasheet HTML 7Page - Frequency Devices, Inc. DP64H4Y2 Datasheet HTML 8Page - Frequency Devices, Inc. DP64H4Y2 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Specification
(25°C and Vs ± 15 Vdc)
D64 & DP64 Series
Pin-Out and Package Data
Ordering Information
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright.
IN-00D64-01
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
Filter Type
L - Low Pass
H - High Pass
Analog Input Characteristics
1
Impedance
10 k
Ω min.
Voltage Range
± 10 Vpeak
Max. Safe Voltage
± Vs
Analog Output Characteristics
Impedance(Closed Loop)
1
Ω typ.
10
Ω max.
Linear Operating Range
± 10 V
Maximum Current
2
± 2 mA
Offset Voltage
3
02 mV typ.
10 mV max.
Offset Temp. Coeff.
50
µV / °C
Power Supply (±V)
Rated Voltage
± 15 Vdc
Operating Range
± 5 to ± 18 Vdc
Maximum Safe Voltage
± 18 Vdc
Quiescent Current D64
± 12.5 mA typ.
± 20 mA max.
DP64
± 3.5 mA typ.
± 5 mA max.
Temperature
Operating
-
0 to + 70 °C
Storage
- 25 to + 85 °C
Notes:
1. Input and output signal voltage referenced to supply
common.
2. Output is short circuit protected to common.
DO NOT CONNECT TO ±Vs.
3. Adjustable to zero.
Ordering Information
Side View
0.80
0.025 dia.
All dimensions are in inches
All case dimensions
± 0.01"
Bottom View
+VS
OUT
-VS
IN
GND
0.80
0.70
0.10
0.00
OS
4
0.15 (min)
Front View
0.30
1.80
4. Units operate with or with out offset pin connected.
5. How to Specify Corner Frequency:
Corner frequencies are specified by attaching a three digit frequency designator to the basic
model number. Corner frequencies can range from 1.00 Hz to 100 kHz.
D64L4B-849 Hz
- 3 dB Corner Frequency
5
e.g., 849 Hz
2.50 kHz
33.3 kHz
Transfer Function
B - Butterworth
L - Bessel
Y2 - 0.2 Ripple Chebychev
Y5 - 0.5 Ripple Chebychev
Power Level
D – Standard Power
DP – Low Power
DC Offset Adjustment
± Vs
- Vs
20 k
Ω
(Cermet)
Do not connect
if trim is not
required.
OS
4
Filter Mounting Assembly-See FMA-01A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com