Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D64BP Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # D64BP
Description  Fixed Frequency 2-Pole Pair Filters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D64BP Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  D64BP Datasheet HTML 1Page - Frequency Devices, Inc. D64BP Datasheet HTML 2Page - Frequency Devices, Inc. D64BP Datasheet HTML 3Page - Frequency Devices, Inc. D64BP Datasheet HTML 4Page - Frequency Devices, Inc. D64BP Datasheet HTML 5Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Band-Pass
D64BP
Fixed Frequency
2-Pole Pair Filters
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
Model
D64BP2
Product Specifications
Band-Pass
Size
1.8" x 0.8" x 0.3"
Range fo
1 Hz to 100 kHz
Available "Q’s"1
1, 2, 5, 10
"Q" Accuracy
±10 %
Theoretical Transfer
Appendix A
Characteristics
Pages 39 & 40
Pass-Band Gain
0 ± 0.2 dB typ
(non-inverting)
0 ± 0.4 dB max.
Attenuation Rate
12 dB/octave
Center Frequency
fo
±2% max.
Stability
±0.01%/°C
Filter Mounting
FMA-01A
Assembly
1. Q – Quality Factor for band-pass filters. Q = f
O/(fH-fL)fO =
√fHfL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com