Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D64BP2/5 Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # D64BP2/5
Description  Fixed Frequency 2-Pole Pair Filters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D64BP2/5 Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  D64BP2/5 Datasheet HTML 1Page - Frequency Devices, Inc. D64BP2/5 Datasheet HTML 2Page - Frequency Devices, Inc. D64BP2/5 Datasheet HTML 3Page - Frequency Devices, Inc. D64BP2/5 Datasheet HTML 4Page - Frequency Devices, Inc. D64BP2/5 Datasheet HTML 5Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
Applications
• Power line interference rejection
• Transducer output filtering
• Production test instrumentation
• Medical electronics equipment and research
• Comb filtering and equalization
• Noise and harmonic analysis
• RMS measurements
• Frequency spectrum analysis
Features/Benefits:
• Compact 1.8"L x 0.8"W x 0.3"H minimizes board
space requirements.
• Plug-in ready-to-use, reducing engineering design
and manufacturing cycle time.
• Factory tuned, no external clocks or adjustments
needed.
• Broad range of center frequencies to meet a wide
range of applications.
Description:
The D64BP Series of small 2-pole-pair fixed-
frequency, precision band-pass active filter that
provides high performance in a compact 32-pin DIP
package, with a broad range of fixed center
frequencies (fo) from 1 Hz to 100 kHz. Each filter
type features a near theoretical amplitude/phase
response along with low output voltage noise
enabling these filters to achieve a 10,000:1 or better
dynamic signal range.
Pretuned to within ±2% of the fixed, user specified
center frequency, band-pass D64BP filters pass all
frequencies lying between the upper and lower -3dB
points of the amplitude response curve. Available
Q’s for D64BP models are 1, 2, 5, or 10.
Band Pass
D64BP Series
Fixed Frequency
2-Pole Pair Filters
1
Available Band-Pass Models: . . . . . . . . . . . . .Page
D64BP2
2 pole pair
. . . . . . . . . . . . . . . . . . .2
General Specifications:
Ordering Information . . . . . . . . . . . . . . . . . . . . . . .3
Pin-Out/Package Data . . . . . . . . . . . . . . . . . . . . . .3


Similar Part No. - D64BP2/5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D64 ETC1-D64 Datasheet
590Kb / 11P
32-Pin DIP 4 - Pole Filters
logo
Advanced Micro Devices
D640D12VE AMD-D640D12VE Datasheet
1Mb / 54P
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
D640D12VF AMD-D640D12VF Datasheet
1Mb / 54P
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
D640D12VI AMD-D640D12VI Datasheet
1Mb / 54P
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
D640D12VK AMD-D640D12VK Datasheet
1Mb / 54P
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
More results

Similar Description - D64BP2/5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5BAF ETC1-5BAF Datasheet
513Kb / 5P
Differential Fixed Frequency Filters
824BP2 ETC1-824BP2 Datasheet
446Kb / 7P
8 Bit Programmable 2-Pole Pair Filters
824L8B ETC1-824L8B Datasheet
523Kb / 13P
2 X 2 4-Pole Filters
828BP ETC1-828BP Datasheet
527Kb / 8P
8 Bit Programmable 4-Pole Pair Filters
logo
Frequency Devices, Inc.
5BAF-LPBE4 FREQUENCYDEVICES-5BAF-LPBE4 Datasheet
539Kb / 5P
Differential Fixed Frequency Filters
824BP FREQUENCYDEVICES-824BP Datasheet
444Kb / 7P
8 Bit Programmable 2-Pole Pair Filters
828BP FREQUENCYDEVICES-828BP Datasheet
479Kb / 8P
8 Bit Programmable 4-Pole Pair Filters
D68BP4 FREQUENCYDEVICES-D68BP4 Datasheet
572Kb / 6P
Fixed Frequency 4-Pole Pair Filters
D100B FREQUENCYDEVICES-D100B Datasheet
248Kb / 5P
2 - Pole Pair Band - Pass Filters
PGAB5 FREQUENCYDEVICES-PGAB5 Datasheet
678Kb / 8P
Fixed Frequency Filters with Programmable Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com