Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D72H2B Datasheet(PDF) 6 Page - Frequency Devices, Inc.

Part # D72H2B
Description  16 Pin DIP 2-Pole Filters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D72H2B Datasheet(HTML) 6 Page - Frequency Devices, Inc.

  D72H2B Datasheet HTML 1Page - Frequency Devices, Inc. D72H2B Datasheet HTML 2Page - Frequency Devices, Inc. D72H2B Datasheet HTML 3Page - Frequency Devices, Inc. D72H2B Datasheet HTML 4Page - Frequency Devices, Inc. D72H2B Datasheet HTML 5Page - Frequency Devices, Inc. D72H2B Datasheet HTML 6Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
High-Pass
2-Pole
Appendix A
Butterworth
6
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com Web Address: http://www.freqdev.com
(sec)
Normalized Frequency(f/fc)
Theoretical Transfer Characteristics
1
Frequency Response
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.85
0.90
0.95
1.00
1.20
1.40
1.60
1.80
2.00
2.50
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.0
-0.01
-0.00
-0.00
-0.00
-0.00
-0.00
-0.40
-0.26
-0.11
-0.05
-0.02
-3.48
-3.01
-1.71
-1.01
-0.62
-9.40
-7.13
-5.37
-4.65
-4.02
-40.00
-27.97
-20.95
-16.03
-12.31
172
164
155
146
137
127
117
108
103
98.5
94.2
90.0
75.5
64.1
55.4
48.7
43.3
34.0
27.9
20.7
16.4
13.6
11.7
10.2
9.04
8.13
.009
.006
.005
.004
.003
.002
.083
.066
.041
.027
.015
.236
.225
.179
.138
.106
.271
.270
.262
.255
.246
.227
.234
.243
.255
.265
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7
-80
-60
-40
-20
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com