Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4049UB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD4049UB
Description  CMOS HEX BUFFERS/CONVERTERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4049UB Datasheet(HTML) 2 Page - Texas Instruments

  CD4049UB Datasheet HTML 1Page - Texas Instruments CD4049UB Datasheet HTML 2Page - Texas Instruments CD4049UB Datasheet HTML 3Page - Texas Instruments CD4049UB Datasheet HTML 4Page - Texas Instruments CD4049UB Datasheet HTML 5Page - Texas Instruments CD4049UB Datasheet HTML 6Page - Texas Instruments CD4049UB Datasheet HTML 7Page - Texas Instruments CD4049UB Datasheet HTML 8Page - Texas Instruments CD4049UB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Functional Block Diagrams
CD4049UB
CD4050B
32
AG = A
54
BH = B
76
CI = C
910
DJ = D
11
12
EK = E
14
15
FL = F
1
8
VCC
VSS
NC = 13
NC = 16
32
A
G = A
54
B
H = B
76
C
I = C
910
D
J = D
11
12
E
K = E
14
15
F
L = F
1
8
VCC
VSS
NC = 13
NC = 16
Schematic Diagrams
FIGURE 1A. SCHEMATIC DIAGRAM OF CD4049UB, 1 OF 6
IDENTICAL UNITS
FIGURE 1B. SCHEMATIC DIAGRAM OF CD4050B, 1 OF 6
IDENTICAL UNITS
VCC
OUT
VSS
P
N
R
IN
P
N
R
IN
VCC
OUT
VSS
P
N
CD4049UB, CD4050B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com