Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D72L2L Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # D72L2L
Description  16 Pin DIP 2-Pole Filters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D72L2L Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  D72L2L Datasheet HTML 1Page - Frequency Devices, Inc. D72L2L Datasheet HTML 2Page - Frequency Devices, Inc. D72L2L Datasheet HTML 3Page - Frequency Devices, Inc. D72L2L Datasheet HTML 4Page - Frequency Devices, Inc. D72L2L Datasheet HTML 5Page - Frequency Devices, Inc. D72L2L Datasheet HTML 6Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Fixed Frequency
D72 & DP72 Series
2-Pole
Low-Pass and High-Pass Filters
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
Model
D72L2B & DP72L2B
D72L2L & DP72L2L
Model
D72H2B
Product Specifications
Low-Pass
Low-Pass
High-Pass
Transfer Function
2-Pole, Butterworth
2-Pole, Bessel
Transfer Function
2-Pole, Butterworth
Size
0.88” x 0.46” x 0.375”
0.88” x 0.46” x 0.375”
Size
0.88” x 0.46” x 0.375”
Range fc
D72
1 Hz to 100 kHz
1 Hz to 100 kHz
Range fc
1 Hz to 100 kHz
DP72
1 Hz to 5 kHz
1 Hz to 5 kHz
Theoretical Transfer
Appendix A
Appendix A
Theoretical Transfer
Appendix A
Characteristics
Page 6
Page 1
Characteristics
Page 26
Passband Ripple
0.0 dB
0.0 dB
Passband Ripple
0.0 dB
(theoretical)
(theoretical)
DC Voltage Gain
0 ± 0.1 dB typ.
0 ± 0.1 dB typ.
Voltage Gain
0 ± 0.1 dB to 100 kHz
(non-inverting)
(non-inverting)
Stopband
Stopband
Attenuation Rate
12 dB/octave
12 dB/octave
Attenuation Rate
12 dB/octave
Power Bandwidth
120 kHz
Small Signal Bandwidth
(-6 dB) 1 MHz
Cutoff Frequency
fc
± 2% max.
fc
± 2% max.
Cutoff Frequency
fc
± 2% max.
Stability
± 0.03% /°C
± 0.03% /°C
Stability
± 0.03% /°C
Amplitude
-3 dB
-3 dB
Amplitude
-3 dB
Phase
-90°
-74.3°
Phase
-90°
Filter Attenuation
1.49 dB
0.80 fc
1.91 dB
0.80 fc
Filter Attenuation
40 dB
0.10 fc
(theoretical)
3.01 dB
1.00 fc
3.01 dB
1.00 fc
(theoretical)
30 dB
0.18 fc
30.0 dB
5.62 fc
30.0 dB
7.10 fc
3.01 dB
1.00 fc
40.0 dB
10.0 fc
40.0 dB
12.75 fc
0.02 dB
4.00 fc
Total Harmonic
Total Harmonic
Distortion @ 1 kHz
Distortion @ 1 kHz
D72
<-70 dB
<-70 dB
D72
<-70 dB
DP72
<-70 dB
<-70 dB
Wide Band Noise
200
mVrms typ.
200
mVrms typ.
Wide Band Noise
400
mVrms typ.
(5 Hz - 2 MHz)
(5 Hz - 2 MHz)
Narrow Band Noise
50
mVrms typ.
50
mVrms typ.
Narrow Band Noise
100
mVrms typ.
(20 Hz - 100 kHz)
(20 Hz - 100 kHz)
Filter Mounting
Filter Mounting
Assembly
FMA-01A
FMA-01A
Assembly
FMA-01A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com