Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D74H4L Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # D74H4L
Description  16 Pin DIP 4-Pole Filters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D74H4L Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  D74H4L Datasheet HTML 1Page - Frequency Devices, Inc. D74H4L Datasheet HTML 2Page - Frequency Devices, Inc. D74H4L Datasheet HTML 3Page - Frequency Devices, Inc. D74H4L Datasheet HTML 4Page - Frequency Devices, Inc. D74H4L Datasheet HTML 5Page - Frequency Devices, Inc. D74H4L Datasheet HTML 6Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Fixed Frequency
D74 & DP74 Series
4-Pole
Low-Pass and High-Pass Filters
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
Model
D74L4B & DP74L4B
D74L4L & DP74L4L
Model
D74H4B
Product Specifications
Low-Pass
Low-Pass
High-Pass
Transfer Function
4-Pole, Butterworth
4-Pole, Bessel
Transfer Function
4-Pole, Butterworth
Size
0.88” x 0.46” x 0.375”
0.88” x 0.46” x 0.375”
Size
0.88” x 0.46” x 0.375”
Range fc
D74
1 Hz to 100 kHz
1 Hz to 100 kHz
Range fc
1 Hz to 100 kHz
DP74
1 Hz to 5 kHz
1 Hz to 5 kHz
Theoretical Transfer
Appendix A
Appendix A
Theoretical Transfer
Appendix A
Characteristics
Page 7
Page 2
Characteristics
Page 27
Passband Ripple
0.0 dB
0.0 dB
Passband Ripple
0.0 dB
(theoretical)
(theoretical)
DC Voltage Gain
0 ± 0.1 dB typ.
0 ± 0.1 dB typ.
Voltage Gain
0 ± 0.1 dB to 100 kHz
(non-inverting)
(non-inverting)
Stopband
Stopband
Attenuation Rate
24 dB/octave
24 dB/octave
Attenuation Rate
24 dB/octave
Power Bandwidth
120 kHz
Small Signal Bandwidth
(-6 dB) 1 MHz
Cutoff Frequency
fc
± 2% max.
fc
± 2% max.
Cutoff Frequency
fc
± 2% max.
Stability
± 0.03% /°C
± 0.03% /°C
Stability
± 0.03% /°C
Amplitude
-3 dB
-3 dB
Amplitude
-3 dB
Phase
-180°
-121°
Phase
-180°
Filter Attenuation
0.67 dB
0.80 fc
1.86 dB
0.80 fc
Filter Attenuation
80 dB
0.10 fc
(theoretical)
3.01 dB
1.00 fc
3.01 dB
1.00 fc
(theoretical)
60 dB
0.18 fc
60.0 dB
5.62 fc
60.0 dB
8.48 fc
3.01 dB
1.00 fc
80.0 dB
10.0 fc
80.0 dB
15.12 fc
0.00 dB
4.00 fc
Total Harmonic
Total Harmonic
Distortion @ 1 kHz
Distortion @ 1 kHz
D74
<-70 dB
<-70 dB
D74
<-70 dB
DP74
<-70 dB
<-70 dB
Wide Band Noise
200
mVrms typ.
200
mVrms typ.
Wide Band Noise
400
mVrms typ.
(5 Hz - 2 MHz)
(5 Hz - 2 MHz)
Narrow Band Noise
50
mVrms typ.
50
mVrms typ.
Narrow Band Noise
100
mVrms typ.
(20 Hz - 100 kHz)
(20 Hz - 100 kHz)
Filter Mounting
Filter Mounting
Assembly
FMA-01A
FMA-01A
Assembly
FMA-01A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com