Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP68H8B Datasheet(PDF) 4 Page - Frequency Devices, Inc.

Part # DP68H8B
Description  32 Pin DIP 8-Pole Filters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

DP68H8B Datasheet(HTML) 4 Page - Frequency Devices, Inc.

  DP68H8B Datasheet HTML 1Page - Frequency Devices, Inc. DP68H8B Datasheet HTML 2Page - Frequency Devices, Inc. DP68H8B Datasheet HTML 3Page - Frequency Devices, Inc. DP68H8B Datasheet HTML 4Page - Frequency Devices, Inc. DP68H8B Datasheet HTML 5Page - Frequency Devices, Inc. DP68H8B Datasheet HTML 6Page - Frequency Devices, Inc. DP68H8B Datasheet HTML 7Page - Frequency Devices, Inc. DP68H8B Datasheet HTML 8Page - Frequency Devices, Inc. DP68H8B Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Fixed Frequency
D68 & DP68 Series
8-Pole
High-Pass Filters
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
1. Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot.
Model
D68H8B
D68H8E
D68H8EX
D68H8EY
Product Specifications
Transfer Function
8-Pole, Butterworth
8-Pole, 6 Zero,
8-Pole, 6 Zero,
8-Pole, 6 zero,
Elliptic
Elliptic
Elliptic
Size
1.8” x 0.8” x 0.3”
1.8” x 0.8” x 0.3”
1.8” x 0.8” x 0.3”
1.8” x 0.8” x 0.3”
Range fc, fr
D68
1 Hz to 100 kHz
1 Hz to 100 kHz
1 Hz to 100 kHz
1 Hz to 100 kHZ
DP68
Not Available
Not Available
Not Available
Not Available
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Appendix A
Characteristics
Page 29
Page 37
Page 36
Page 38
Passband Ripple
0.0 dB
± 0.035 dB
-0.05 dB
-0.05 dB
(theoretical)
Voltage Gain
0 ± 0.2 dB to 100 kHz
0 ± 0.2 dB to 100 kHz
0 ± 0.2 dB to 100 kHz
0 ± 0.2 dB to 100 kHz
(non-inverting)
0 ± 0.5 dB to 120 kHz
0 ± 0.5 dB to 120 kHz
0 ± 0.5 dB to 120 kHz
0 ± 0.5 dB to 120 kHz
Stopband
Attenuation Rate
48 dB/octave
80 dB
80 dB
100 dB
Power Bandwidth
120 kHz
120 kHz
120 kHz
120 kHz
Small Signal Bandwidth
(-6dB) 1 MHz
(-6dB) 1 MHz
(-6dB) 1 MHz
(-6dB) 1 MHz
Cutoff Frequency
fc
± 1% max.
fr
± 1% max.
fr
± 1% max.
fr
± 2% max.
Stability
± 0.01% /°C
± 0.01% /°C
± 0.01% /°C
± 0.01% /°C
Amplitude
-3 dB
-0.035 dB`
-0.05 dB
-0.05 dB
Phase
-360°
-323.5°
-414°
-419°
Filter Attenuation
80.0 dB
0.31 fc
80.0 dB
0.56 fr
80.0 dB
0.64 fr
100.0 dB
0.50 fr
(theoretical)
60.0 dB
0.42 fc
60.0 dB
0.60 fr
60.0 dB
0.69 fr
80.0 dB
0.55 fr
3.01 dB
1.00 fc
3.01 dB
0.88 fr
3.01 dB
0.95 fr
3.01 dB
0.94 fr
0.00 dB
2.00 fc
0.03 dB
1.00 fr
0.05 dB
1.00 fr
0.03 dB
1.00 fr
0.00 dB
2.00 fr
0.00 dB
2.00 fr
0.00 dB
2.00 fr
Phase Match1
fc - 100 kHz
± 3° max.
0 - 1.25 fr
± 4° max.
0 - 1.25 fr
± 4° max.
0 - 1.25 fr
± 4° max.
± 1.5° typ.
± 2° typ.
± 2° typ.
± 2° typ.
1.25 fr-100 kHz
± 2° max.
1.25 fr-100 kHz
± 2° max.
1.25 fr-100 kHz ± 3° max.
± 1° typ.
± 1° typ.
± 1.5° typ.
Amplitude Accuracy
1.0 - 1.25 fc ± 0.3 dB max.
1.00 - 1.25 fr ± 0.3 dB max.
1.00 - 1.25 fr ± 0.5 dB max.
1.00 - 1.25 fr ± 0.5 dB max
(theoretical)
± 0.15 dB typ.
± 0.15 dB typ.
± 0.25 dB typ.
± 0.25 dB typ
1.25 fc-100 kHz± 0.2 dB max.
1.25 fr-100 kHz ± 0.2 dB max.
1.25 fr-100 kHz± 0.2 dB max.
1.25 fr-100 kHz ± 0.2 dB max.
± 0.1 dB typ.
±0 .1 dB typ.
±0 .1 dB typ.
±0 .1 dB typ.
Total Harmonic
Distortion @ 1 kHz
D68
<-88 dB typ.
<-88 dB typ.
<-88 dB typ.
<-88 dB typ.
Wide Band Noise
400
mVrms
400
mVrms typ.
500
mVrms typ.
500
mVrms typ.
(5 Hz - 2 MHz)
Narrow Band Noise
100
mVrms typ.
100
mVrms typ.
150
mVrms typ.
150
mVrms typ.
(20 Hz - 100 kHz)
Filter Mounting
Assembly
FMA-01A
FMA-01A
FMA-01A
FMA-01A
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com