Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP72H2B Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # DP72H2B
Description  16 Pin DIP 2-Pole Filters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

DP72H2B Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  DP72H2B Datasheet HTML 1Page - Frequency Devices, Inc. DP72H2B Datasheet HTML 2Page - Frequency Devices, Inc. DP72H2B Datasheet HTML 3Page - Frequency Devices, Inc. DP72H2B Datasheet HTML 4Page - Frequency Devices, Inc. DP72H2B Datasheet HTML 5Page - Frequency Devices, Inc. DP72H2B Datasheet HTML 6Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
1.0 Hz to 100 kHz
Fixed Frequency
D72 & DP72 Series
16 Pin DIP
2-Pole Filters
Available Low-Pass Models: . . . . . . . . . . . . . . . .
D72L2B
2-pole Butterworth . . . . . . . . . . . . . . .2
DP72L2B 2-pole Butterworth (Low Power) . . . . .2
D72L2L
2-pole Bessel . . . . . . . . . . . . . . . . . . .2
DP72L2L 2-pole Bessel (Low Power) . . . . . . . .2
Available High-Pass Models:
D72H2B
2-pole Butterworth . . . . . . . . . . . . . . .2
General Specifications:
Pin-out/package data & ordering information . . . .3
Description
The D72 and DP72 Series of low-power, fixed-
frequency, linear active filters are high performance,
2-pole filters in a compact package. These
Butterworth and Bessel low-pass and Butterworth
high-pass filters (D72 only) combine linear active
filter design with the space savings of a 16-pin dual
in-line package (DIP). Each model comes factory
tuned to a user-specified corner frequency between
1 Hz and 100 kHz (DP72, 1 Hz to 5kHz). These fully
self-contained units require no external components
or adjustments and operate with dynamic input
voltage range from non-critical ±5V to ±18V power
supplies.
Applications
• Anti-alias filtering
• Vibration & shock analysis
• Automatic test equipment
• Aerospace, navigation and sonar
• Communication systems
• Medical electronics
• Sound and vibration testing
• Noise elimination
• Process control
Features/Benefits:
• Low cost solution for low frequency signal
conditioning
• Compact DIP design minimizes board space
requirements
• Plug-in ready-to-use, reducing engineering design
and manufacturing time
• Factory tuned, no external clocks or adjustments
needed saving time and labor of other discrete
assembly solutions
• Low harmonic distortion and wide signal-to-noise
ratio to 12 bit resolution


Similar Part No. - DP72H2B

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP7221 COPAL-DP7221 Datasheet
171Kb / 16P
Dual Digital Potentiometer
DP7241 COPAL-DP7241 Datasheet
174Kb / 16P
Quad Digital Potentiometer
DP7251 COPAL-DP7251 Datasheet
168Kb / 15P
Quad Digital Potentiometer
DP7259 COPAL-DP7259 Datasheet
174Kb / 16P
Quad Digital Potentiometers
DP7261 COPAL-DP7261 Datasheet
165Kb / 15P
Dual Digital Potentiometers
More results

Similar Description - DP72H2B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
428L4B ETC1-428L4B Datasheet
1,009Kb / 18P
32-Pin DIP 8-Pole Filters
DP66 ETC1-DP66 Datasheet
894Kb / 6P
32 Pin DIP 6-Pole Filters
DP74 ETC1-DP74 Datasheet
558Kb / 6P
16 Pin DIP 4-Pole Filters
logo
Frequency Devices, Inc.
424L4B-1 FREQUENCYDEVICES-424L4B-1 Datasheet
840Kb / 12P
32-Pin DIP 4-Pole Filters
428L4B-1 FREQUENCYDEVICES-428L4B-1 Datasheet
980Kb / 18P
32-Pin DIP 8-Pole Filters
D61L4B FREQUENCYDEVICES-D61L4B Datasheet
701Kb / 6P
32-Pin DIP 4 - Pole Filters
D64L4B FREQUENCYDEVICES-D64L4B Datasheet
533Kb / 11P
32-Pin DIP 4 - Pole Filters
D66L6B FREQUENCYDEVICES-D66L6B Datasheet
581Kb / 6P
32 Pin DIP 6-Pole Filters
D68L8B FREQUENCYDEVICES-D68L8B Datasheet
471Kb / 17P
32 Pin DIP 8-Pole Filters
D74L4B FREQUENCYDEVICES-D74L4B Datasheet
773Kb / 6P
16 Pin DIP 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com