Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP72H2L Datasheet(PDF) 5 Page - Frequency Devices, Inc.

Part # DP72H2L
Description  16 Pin DIP 2-Pole Filters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

DP72H2L Datasheet(HTML) 5 Page - Frequency Devices, Inc.

  DP72H2L Datasheet HTML 1Page - Frequency Devices, Inc. DP72H2L Datasheet HTML 2Page - Frequency Devices, Inc. DP72H2L Datasheet HTML 3Page - Frequency Devices, Inc. DP72H2L Datasheet HTML 4Page - Frequency Devices, Inc. DP72H2L Datasheet HTML 5Page - Frequency Devices, Inc. DP72H2L Datasheet HTML 6Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Low-Pass
2-Pole
Appendix A
Butterworth
5
5
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com Web Address: http://www.freqdev.com
(sec)
Normalized Frequency(f/fc)
Normalized Time (1/f sec)
Theoretical Transfer Characteristics
1
Frequency Response
Delay
(Normalized)
Step Response
0
1
2
3
4
5
-0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1.0
2
3
4
5 6 7 8 9
0.0
0.5
1.5
0.15
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.85
0.90
0.95
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
2.25
2.50
2.75
3.00
3.25
3.50
4.00
5.00
6.00
7.00
8.00
9.00
10.0
-31.1
-33.8
-36.1
-38.2
-40.0
-19.1
-20.5
-21.8
-24.1
-28.0
-11.5
-12.3
-14.3
-16.0
-17.6
-6.85
-7.83
-8.78
-9.71
-10.6
-2.59
-3.01
-3.92
-4.88
-5.86
-0.529
-0.935
-1.491
-1.824
-2.191
0.00
0.00
-0.01
-0.035
-0.110
-0.263
0.00
-8.13
-16.4
-25.0
-34.0
-43.3
-53.0
-62.7
-72.3
-77.0
-81.5
-85.8
-90.0
-97.7
-105
-111
-116
-121
-125
-128
-131
-134
-137
-142
-146
-149
-152
-154
-156
-159
-164
-166
-168
-170
-171
-172
.006
.005
.004
.003
.002
.027
.023
.020
.015
.009
.074
.066
.051
.041
.033
.138
.121
.106
.094
.083
.236
.225
.202
.179
.157
.271
.270
.262
.255
.246
.225
.227
.234
.243
.255
.265
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
Normalized Frequency(f/fc)
0.4
0.3
0.2
0.1
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7
-80
-60
-40
-20
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com