Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP74H4L Datasheet(PDF) 3 Page - Frequency Devices, Inc.

Part # DP74H4L
Description  16 Pin DIP 4-Pole Filters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

DP74H4L Datasheet(HTML) 3 Page - Frequency Devices, Inc.

  DP74H4L Datasheet HTML 1Page - Frequency Devices, Inc. DP74H4L Datasheet HTML 2Page - Frequency Devices, Inc. DP74H4L Datasheet HTML 3Page - Frequency Devices, Inc. DP74H4L Datasheet HTML 4Page - Frequency Devices, Inc. DP74H4L Datasheet HTML 5Page - Frequency Devices, Inc. DP74H4L Datasheet HTML 6Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specification
(25°C and Vs ±15 Vdc)
D74 & DP74 Series
Pin-Out and Package Data
Ordering Information
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We as sume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyri ght.
IN-00D74-01
Analog Input Characteristics
1
Impedance
10 kΩ min.
Voltage Range
± 10 Vpeak
Max. Safe Voltage
±Vs
Analog Output Characteristics
Impedance
1 Ω
Linear Operating Range ±10 V
Maximum Current
2
D74 ±10 mA
DP74 ±5 mA
Offset Voltage
1
Offset Temp. Coeff.
20 µV / °C
Power Supply (±V)
Rated Voltage
± 15 Vdc
Operating Range
±5 to ±18 Vdc
Maximum Safe Voltage ±18 Vdc
Quiescent Current D74
5 mA max.
3 mA typ.
Quiescent Current DP74
1.5 mA max.
600 µA typ.
Temperature
Operating
- 0 to + 70 °C
Storage
- 25 to + 85 °C
Notes:
1.Input and output signal voltage referenced to
supply common.
2.Output is short circuit protected to common.
DO NOTCONNECTTO ±Vs.
3.How to Specify Corner Frequency:
Corner frequencies are specified by attaching a three digit frequency designator to the
basic model number. Corner frequencies can range from 1 Hz to 100 kHz.
All dimensions are in inches
All case dimensions ±0.01"
Grid Dimensions 0.1" x 0.1"
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
3
fc < 100 Hz
0 – 50ºC
10 mV max.
3 mV typ.
0 – 70ºC
10 mV max.
3 mV typ.
fc 100 Hz
-Vs
8
IN
1
15
GND
12
+Vs
11
OUT
BOTTOM VIEW
0.30
0.46
(max.)
0.375
(max.)
0.15
(min.)
(typ.)
0.88
0.025
(max.)
0.09
0.10
(dia.)
(typ.)
(typ.)
FRONT VIEW
SIDE VIEW
Filter Mounting Assembly-See FMA-01A
Filter Type
L
- Low Pass
H
- High Pass
Ordering Information
D74L4B-849 Hz
- 3 dB Corner Frequency
3
e.g., 849 Hz
2.50 kHz
33.3 kHz
Transfer Function
B
- Butterworth
L
- Bessel
Power Level
D
– Standard Power
DP
– Low Power



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com