Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D83S-D Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # D83S-D
Description  Programmable Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D83S-D Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  D83S-D Datasheet HTML 1Page - Frequency Devices, Inc. D83S-D Datasheet HTML 2Page - Frequency Devices, Inc. D83S-D Datasheet HTML 3Page - Frequency Devices, Inc. D83S-D Datasheet HTML 4Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Gain Amplifier
D83S Series
Digital Programming & Control
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
The D83S programs via a three terminal serial data interface over a gain range from 0.25 (~-12dB) to
1024 (~+60dB) using Clock (C), Strobe (S) and Data inputs (Di). A Data out (Do) connection is provided
to permit cascading of multiple D83S’s or “looping” of the input data to verify the programmed setting.
Two stages of programmable gain/attenuation are used to optimize the D-C offset and gain bandwidth
performance. The gain programming equation is:
G=[1+3xD0+12xD1+48xD2+64xD3]x[1/4+(1/4)xD4+(1/2)xD5+D6]x[1+3xD7]
where D0 - D7 = “0” or “1”
Note: the use of the compliments of D0, D1, D2 and D3.
C, S and Di Input Specifications
Input Data Levels
(Cmos/TTL Logic)
Input Voltage (Vd = 5Vdc)
Low Level In
0 Vdc min.,
1.5 Vdc max.
High Level In
3.5 Vdc min.,
5.0 Vdc max.
Input Current
Low Level In
-10-5
µA typ., -1 µA max.
High Level In
+10-5
µA typ., +1 µA max.
Input Capacitance
5 pF typ.,
7.5 pF max.
Recommended Programming Table
All combinations of programming inputs produce valid gain settings as determined by the gain equation
but can result in unusual values of gain. To minimize the multiplication of D-C offset and to maximize the
bandwidth at high gains the following is the recommended programming format for binary weighted gains
from 1/4 (~-12dB) to 1024 (~60dB).
Gain ( V/V )
Gain (~dB) D0
D1
D2
D3
D4
D5
D6
D7
1/4
-12.04
11110000
1/2
-6.02
11111000
10.00
11111100
2
+6.02
11111110
4
+12.04
01111100
8
+18.06
01111110
16
+24.08
00111100
32
+30.10
00111110
64
+36.12
00011100
128
+42.14
00001100
256
+48.16
00001110
512
+54.19
00001101
1024
+60.21
00001111
Programming Sequence The programming input circuit is a CD4094 series 8 bit shift register with
latches. It requires an 8 bit input serial data stream, Di (D0 to D7), a clock C to shift and a strobe S to
latch the data (see note 1). A timing sequence must be observed to insure accurate shifting and latching
of the input data. The input data bits, D0 through D7 are entered in reverse order, i.e. the MSB, D7, is the
first bit to be entered followed by D6 etc. and ending with the LSB, D0 (refer to timing diagram).
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com