Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D100B Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # D100B
Description  2 - Pole Pair Band - Pass Filters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D100B Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  D100B Datasheet HTML 1Page - Frequency Devices, Inc. D100B Datasheet HTML 2Page - Frequency Devices, Inc. D100B Datasheet HTML 3Page - Frequency Devices, Inc. D100B Datasheet HTML 4Page - Frequency Devices, Inc. D100B Datasheet HTML 5Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D100B Series
100 Hz to 100 kHz
Low Noise Fixed Frequency
2 – Pole Pair
Band - Pass Filters
Model
D100BP2
Product Specifications
Size
1.8” x 0.8” x 0.3”
Range fo
100 Hz to 100 kHz
Available “Q’s”
1
1, 2 or 5
“Q” Accuracy
±10 %
Theoretical Transfer
Characteristics
Appendix A
Pages 39 & 40
Pass-Band Gain
0
± 0.2 dB typ.
(non-inverting)
0
± 0.4 dB max.
Attenuation Rate
12 dB/octave
Center Frequency
fo
± 1% max.
Stability
± 0.01%/°C
(THD) Total Harmonic
Distortion @ 10 Vp-p
F
O ≤100 Hz
F
O ≤20 kHz
<-120 dB max.
<-117 dB max.
F
O ≤100 kHz
<-100 dB max.
Narrow Band Noise
100 kHz BW @ 20V p-p
(
µV rms)
F
O ≤100 Hz
F
O ≤20 kHz
7.0 typ., 12 max.
22 typ., 40 max.
F
O ≤100 kHz
70 typ., 100 max.
Filter Mounting
2
Assembly
FMA-01S
1. Q – Quality Factor for band-pass and band-reject filters. Q = fO/(fH-fL), fo =
L
H
f
f
2. Use I/O jumpers to bypass input and output buffers, for low noise operation. With FMA, D100B distortion specs at
50k to 100kHz may degrade slightly.
2
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com