Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D100BP2/1 Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # D100BP2/1
Description  2 - Pole Pair Band - Pass Filters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D100BP2/1 Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  D100BP2/1 Datasheet HTML 1Page - Frequency Devices, Inc. D100BP2/1 Datasheet HTML 2Page - Frequency Devices, Inc. D100BP2/1 Datasheet HTML 3Page - Frequency Devices, Inc. D100BP2/1 Datasheet HTML 4Page - Frequency Devices, Inc. D100BP2/1 Datasheet HTML 5Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D100B Series
100 Hz to 100 kHz
Low Noise Fixed Frequency
2 – Pole Pair
Band - Pass Filters
Description:
The D100B Series are low noise and distortion 2-
pole-pair, fixed center frequency (fo) band-pass
filters. These filters feature near theoretical low
noise and distortion performance, by providing up
to -120 dB noise floors (20-Bit). D100B’s take
advantage of FDI’s design expertise utilizing high
performance
amplifiers
and
surface-mount
technology to provide design engineers with
precision signal conditioning solutions in a
compact package.
These fully self-contained
units
require
no
external
components
or
adjustments. Each D100B comes factory tuned
to a user specified corner frequency between 100
Hz to 100 kHz. Available Q’s for D100B models
are 1, 2 or 5 and operate with low harmonic
distortion over an input voltage range to ±10 V.
Features/Benefits:
• Small 32-pin DIP (1.8"L x 0.8"W) footprint
minimizes board space requirements.
• Plug-in ready-to-use, reducing engineering
design and manufacturing cycle time.
• Factory tuned, no external clocks or
adjustments needed.
• Broad range of center frequencies to meet a
wide range of applications.
Applications
• Transducer output filtering.
• Production test instrumentation
• Medical electronics equipment and research
• Noise and harmonic analysis
• Frequency spectrum analysis
Available Band-Pass Models:
Page
D100BP2
2-Pole Pair
2
General Specifications
Pin-out/package data & order information
3
1
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com


Similar Part No. - D100BP2/1

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
Continental Device Indi...
D100 CDIL-D100 Datasheet
88Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Ohmite Mfg. Co.
D100 OHMITE-D100 Datasheet
261Kb / 2P
Rugged lead free vitreous enamel coating
logo
Tyco Electronics
D100-3X MACOM-D100-3X Datasheet
58Kb / 1P
WILMAR??Protective Relays-D100X Series, Close Differential
D100-4X MACOM-D100-4X Datasheet
58Kb / 1P
WILMAR??Protective Relays-D100X Series, Close Differential
More results

Similar Description - D100BP2/1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
824BP2 ETC1-824BP2 Datasheet
446Kb / 7P
8 Bit Programmable 2-Pole Pair Filters
logo
Frequency Devices, Inc.
824BP FREQUENCYDEVICES-824BP Datasheet
444Kb / 7P
8 Bit Programmable 2-Pole Pair Filters
D64BP FREQUENCYDEVICES-D64BP Datasheet
300Kb / 5P
Fixed Frequency 2-Pole Pair Filters
logo
Central Technologies
CTBPF1608F CT-CTBPF1608F Datasheet
484Kb / 1P
Multi-layer Band Pass Filters
logo
TDK Electronics
DEA252450BT-2027A1 TDK-DEA252450BT-2027A1 Datasheet
219Kb / 21P
Multilayer Band Pass Filters
logo
NIC-Components Corp.
NGFP NIC-NGFP Datasheet
412Kb / 7P
Multilayer Chip Band Pass Filters
logo
TDK Electronics
DEA162450BT-1271A3 TDK-DEA162450BT-1271A3 Datasheet
59Kb / 2P
Multilayer Chip Band Pass Filters
DEA162450BT-2139A1 TDK-DEA162450BT-2139A1 Datasheet
49Kb / 2P
Multilayer Chip Band Pass Filters
DEA205787BT-2048C1 TDK-DEA205787BT-2048C1 Datasheet
55Kb / 2P
Multilayer Chip Band Pass Filters
DEA252450BT-2109C3 TDK-DEA252450BT-2109C3_16 Datasheet
64Kb / 2P
Multilayer Chip Band Pass Filters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com