Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D100L Datasheet(PDF) 3 Page - Frequency Devices, Inc.

Part # D100L
Description  4- and 8- Pole Low-Pass Filters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D100L Datasheet(HTML) 3 Page - Frequency Devices, Inc.

  D100L Datasheet HTML 1Page - Frequency Devices, Inc. D100L Datasheet HTML 2Page - Frequency Devices, Inc. D100L Datasheet HTML 3Page - Frequency Devices, Inc. D100L Datasheet HTML 4Page - Frequency Devices, Inc. D100L Datasheet HTML 5Page - Frequency Devices, Inc. D100L Datasheet HTML 6Page - Frequency Devices, Inc. D100L Datasheet HTML 7Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
D100L Series
Specifications
(25ºC and Vs ± 15 Vdc)
Pin-Out and Package Data
Ordering Information
3
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Analog Input Characteristics
1
Impedance
1.0 k
Ω min.
Voltage Range
±10 Vpeak
Max. Safe Voltage
± Vs
Analog Output Characteristics
Load impedance
1k
Ω min.
Linear Operating Range for THD
± 5V
Operating Range for low Noise
± 10V
Current
2 @ (Vs @ ±15V)
10 mA max.
Offset Voltage
3
2 mV typ.
20 mV max.
Offset Temp. Coefficient
50
µV/ºC.
Power Supply (±VS)
Rated Voltage
±15V
Operating Range
±5V min.
±18V max.
Quiescent Current D100L4
40 mA max.
D100L8
80 mA max.
Temperature Range
Operating
0ºC to +70ºC
Storage
-25ºC to +85ºC
Notes:
1. Input and output signal voltage referenced to supply common.
2. Output is short circuit protected to common. DO NOT CONNECT
TO ±Vs.
3. Adjustable to zero.
4. Units operate with or without offset pin connected.
5. How to specify Corner Frequency. Corner frequency is specified
by attaching a three-digit frequency designator to the basic model
number. Corner frequencies can range from 100 Hz to 100 kHz.
F
O >10 kHz
F
O >10 kHz
Bottom View
0.025" (dia)
1.80"(max)
0.80"(max)
0.15" (min)
0.30"(max)
0.80"
0.70"
0.10"
0.00"
OUT
+VS
-VS OS
GND
IN
All dimensions are in inches
All case dimensions ± 0.01"
F
O <10 kHz
0.50"(max)
F
O <10 kHz
0.10"(typ)
1
5
15 16
17
29
ORDERING INFORMATION
Filter type
Transfer Function
L = Low Pass
B= Butterworth
L = Bessel
D100L4B-10.0 kHz
# Poles
- 3 dB Corner Frequency
5
4 or 8
e.g.,
849 Hz
Os
+Vs
-Vs
Do not connect
if trim is not
required.
20 k
(Cermet)
DC Offset Adjustment
4
2.50 kHz
33.3 kHz
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale, which apply, to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use, which would infringe any patent or copyright.
PR-D100L



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com